Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS4B18USBW Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # PS4B18USBW
Description  4-Outlet Power Strip with USB-A Charging - BS1363A Outlets, 220-250V, 13A, 1.8 m Cord, BS1363A Plug, White
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

PS4B18USBW Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  PS4B18USBW Datasheet HTML 1Page - Tripp Lite. All Rights Reserved PS4B18USBW Datasheet HTML 2Page - Tripp Lite. All Rights Reserved PS4B18USBW Datasheet HTML 3Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Specifications
4-Outlet Power Strip with USB-A Charging -
BS1363A Outlets, 220-250V, 13A, 1.8 m Cord,
BS1363A Plug, White
MODEL NUMBER: PS4B18USBW
4-outlet power strip with USB-A ports distributes electricity to home and office electronics and charges
your mobile devices.
Features
35.6 cm Power Strip Delivers Electricity to 4 Devices at the Same TimeCompatible with standard
electrical equipment, this Protect It!® power strip features four BS1363A outlets and a durable white
plastic housing. It is ideal for powering almost anything with a compatible plug, including computers and
mobile devices to appliances and power tools.
Charges 2 Mobile Devices with 2.1A of Shared PowerIn addition to AC outlets, this power strip
provides USB charging for up to two mobile devices, including smartphones, tablets and e-readers. The
USB-A ports eliminate the need for AC adapters for charging cords, leaving outlets available for AC
equipment.
Designed to Give You Flexibility in Placing the Power Strip Where It’s Most NeededThe power strip
features a space-saving right-angle BS1363A plug that helps you connect to a wall outlet located behind
furniture that is placed flush against the wall. The plug is attached to a 1.8-meter power cord, which gives
you more choices in placing the power strip away from the connected AC outlet.
Vertical or Horizontal Mounting for Desks and WorkbenchesKeyhole-shaped mounting slots on the
back of the power strip allow you to permanently install it on any flat surface, including walls, with user-
supplied hardware.
Premium Safety Features Designed for Protecting Your Valuable EquipmentThe PS4B18USBW
features an on/off switch with diagnostic LED that provides one-touch control over all connected devices.
A built-in 13-amp circuit breaker immediately shuts down the entire power strip in case of an overload to
prevent equipment damage.
Highlights
4 BS1363A outlets distribute
power to appliances, tools,
lighting and other electronics
q
1.8 m cord with BS1363A plug
offers flexible placement in
relation to an AC wall outlet
q
2 USB-A ports share 2.1A of
power for charging phones,
tablets and other mobile devices
q
Rear keyhole slots enable
mounting to desk or workbench
for easy access to outlets
q
13A circuit breaker shuts down
all UK outlets for safety in case
of overload
q
Applications
Distribute power to computer
equipment and other devices in
an office, workbench, retail or
telecom environment
q
Mount a power strip to the edge
of a desk or workbench for easy
access to outlets
q
Charge a smartphone and tablet
without taking up available AC
outlets
q
Package Includes
PS4B18USBW 4-Outlet Power
Strip, British BS1363A Outlets,
White
q
OVERVIEW
1 / 3


Similar Part No. - PS4B18USBW

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
PS4B18 TRIPPLITE-PS4B18 Datasheet
161Kb / 3P
4-Outlet Power Strip - British BS1363A Outlets, 220-250V AC, 13A, 1.8 m Cord, BS1363A Plug, White
More results

Similar Description - PS4B18USBW

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
PS1B TRIPPLITE-PS1B Datasheet
165Kb / 3P
2-Outlet Power Strip - British BS1363A Outlets, 220-250V AC, 13A, Direct Plug, BS1363A Plug, White
PS4B18 TRIPPLITE-PS4B18 Datasheet
161Kb / 3P
4-Outlet Power Strip - British BS1363A Outlets, 220-250V AC, 13A, 1.8 m Cord, BS1363A Plug, White
PS6B18 TRIPPLITE-PS6B18 Datasheet
160Kb / 3P
6-Outlet Power Strip - British BS1363A Outlets, 220-250V AC, 13A, 1.8 m Cord, BS1363A Plug, White
PS6B35W TRIPPLITE-PS6B35W Datasheet
161Kb / 3P
6-Outlet Power Strip - British BS1363A Outlets, Individually Switched, 220-250V, 13A, 3 m Cord, White
TLP6F18USB TRIPPLITE-TLP6F18USB Datasheet
164Kb / 4P
6-Outlet Surge Protector with USB Charging - French Type E Outlets, 220-250V, 16A, 1.8 m Cord, Type E Plug, White
TLP6G18USB TRIPPLITE-TLP6G18USB Datasheet
164Kb / 4P
6-Outlet Surge Protector with USB Charging - German Type F Schuko Outlets, 220-250V, 16A, Schuko Plug, White
TLP368CUBEUAM TRIPPLITE-TLP368CUBEUAM Datasheet
56Kb / 4P
Safe-IT 3-Outlet Cube Surge Protector, 5-15R Outlets, 6 USB Charging Ports, 8 ft. (2.4 m) Cord, Antimicrobial Protection
TLP38UAM TRIPPLITE-TLP38UAM Datasheet
60Kb / 4P
Safe-IT 3-Outlet Spherical Surge Protector, 5-15R Outlets, 4 USB Charging Ports, 8 ft. (2.4 m) Cord, Antimicrobial Protection
TLP648UCBAM TRIPPLITE-TLP648UCBAM Datasheet
54Kb / 4P
Safe-IT 6-Outlet Clamp Surge Protector, 5-15R Outlets, 3 USB Charging Ports, 8 ft. (2.4 m) Cord, Antimicrobial Protection
TLP68UBAM TRIPPLITE-TLP68UBAM Datasheet
54Kb / 4P
Safe-IT 6-Outlet Surge Protector, Retractable USB Charger, 5-15R Outlets, 4 USB Charging Ports, 8 ft. (2.4 m) Cord, Antimicrobial Protection
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com