Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS431 Datasheet(PDF) 14 Page - BCD Semiconductor Manufacturing Limited

Part # AS431
Description  ADJUSTABLE PRECISION SHUNT REGULATORS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AS431 Datasheet(HTML) 14 Page - BCD Semiconductor Manufacturing Limited

Back Button AS431 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AS431 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AS431 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited AS431 Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited AS431 Datasheet HTML 13Page - BCD Semiconductor Manufacturing Limited AS431 Datasheet HTML 14Page - BCD Semiconductor Manufacturing Limited AS431 Datasheet HTML 15Page - BCD Semiconductor Manufacturing Limited AS431 Datasheet HTML 16Page - BCD Semiconductor Manufacturing Limited AS431 Datasheet HTML 17Page - BCD Semiconductor Manufacturing Limited  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
ADJUSTABLE PRECISION SHUNT REGULATORS
AS431
Data Sheet
14
Nov. 2005 Rev. 1. 1
BCD Semiconductor Manufacturing Limited
Mechanical Dimensions (Continued)
SOT-23-3
Unit: mm(inch)
2.300(0.091)
2.500(0.098)
1.200(0.047)
1.400(0.055)
0.920(0.036)
0.980(0.039)
0.390(0.015)
0.450(0.018)
1.900(0.075)REF
2.800(0.110)
3.000(0.118)
2.0°
3.0 °
0.500(0.020)
0.700(0.028)
1.050(0.041)REF
0.020(0.001)
0.100(0.004)
0.900(0.035)
1.100(0.043)
4×R0.100(0.004)
7.0°
7.0°
0.550(0.022)REF
0.200(0.008)MIN
0.100(0.004) GAUGE PLANE
0.080(0.003)
0.150(0.006)
R0.100(0.004)
0.0°~10.0°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com