Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX16136 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX16136
Description  High-Precision Supervisory ICs with Window Watchdog and Overvoltage Indicator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16136 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX16136 Datasheet HTML 1Page - Maxim Integrated Products MAX16136 Datasheet HTML 2Page - Maxim Integrated Products MAX16136 Datasheet HTML 3Page - Maxim Integrated Products MAX16136 Datasheet HTML 4Page - Maxim Integrated Products MAX16136 Datasheet HTML 5Page - Maxim Integrated Products MAX16136 Datasheet HTML 6Page - Maxim Integrated Products MAX16136 Datasheet HTML 7Page - Maxim Integrated Products MAX16136 Datasheet HTML 8Page - Maxim Integrated Products MAX16136 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Electrical Characteristics (continued)
(VDD = 1.71V to 5.5V. TA = TJ = -40°C to +125°C, unless otherwise noted. Typical values are at TA = +25°C under normal conditions,
unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
OUTPUT VOLTAGE ( RST, WDO, OV)
Output Voltage Low
VOL
RST, OV, WDO
VDD = 5V, ISINK =
3mA
0.1
0.3
V
VDD = 1.71V, ISINK
= 8µA
0.1
0.3
RST
VDD = 1.1V, ISINK
= 8µA
0.1
0.3
Note 1: Minimum pulse required to clear OV latched state. No overvoltage fault present and RST = high.
Note 2: Pulling CLR low for a pulse width duration tCLR > 5μs asserts RST. A consecutive series of pulses on CLR with low pulse
width duration of tCLR > 5μs must be separated by high pulse width duration > tRP for valid reset operation.
Note 3: The margin for error will be an additional ±30μs due to the internal synchronization logic.
MAX16136
High-Precision Supervisory ICs with Window
Watchdog and Overvoltage Indicator
www.maximintegrated.com
Maxim Integrated | 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com