Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST1S40 Datasheet(PDF) 3 Page - STMicroelectronics

Part # ST1S40
Description  3 A DC step-down switching regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1S40 Datasheet(HTML) 3 Page - STMicroelectronics

  ST1S40 Datasheet HTML 1Page - STMicroelectronics ST1S40 Datasheet HTML 2Page - STMicroelectronics ST1S40 Datasheet HTML 3Page - STMicroelectronics ST1S40 Datasheet HTML 4Page - STMicroelectronics ST1S40 Datasheet HTML 5Page - STMicroelectronics ST1S40 Datasheet HTML 6Page - STMicroelectronics ST1S40 Datasheet HTML 7Page - STMicroelectronics ST1S40 Datasheet HTML 8Page - STMicroelectronics ST1S40 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
DocID17928 Rev 6
3/30
ST1S40
Pin settings
30
1
Pin settings
1.1
Pin connection
1.2
Pin description
Figure 2. Pin connection (top view)
8
6
4
7
3
2
5
1
VINA
EN
FB
GND
PGND
SW
VINSW
NC
8
45
1
VINA
EN
FB
GND
PGND
SW
VINSW
AGND
VFQFPN
8
6
4
7
3
2
5
1
VINA
EN
FB
GND
PGND
SW
VINSW
NC
HSOP8
SO8-BW
9
9
HSOP-8
Table 1. Pin description
Type
Description
VFQFPN
and HSOP-8
S08-BW
13
VINA Unregulated DC input voltage
24
EN
Enable input. With EN higher than 1.2 V the device in ON and with EN lower
than 0.4 V the device is OFF (ST1S40Ixx).
35
FB
Feedback input. Connecting the output voltage directly to this pin the output
voltage is regulated at 0.8 V. To have higher regulated voltages an external
resistor divider is required from Vout to the FB pin.
4
6
AGND Ground
5
-
NC
It can be connected to ground
6
8
VINSW Power input voltage
7
1
SW
Regulator output switching pin
8
2
PGND Power ground
-
7
Ground
9
-
ePad
Exposed pad mandatory connected to ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com