Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIS25BA Datasheet(PDF) 2 Page - STMicroelectronics

Part # LIS25BA
Description  3D digital accelerometer sensor kit based on LIS25BA
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS25BA Datasheet(HTML) 2 Page - STMicroelectronics

  LIS25BA Datasheet HTML 1Page - STMicroelectronics LIS25BA Datasheet HTML 2Page - STMicroelectronics LIS25BA Datasheet HTML 3Page - STMicroelectronics LIS25BA Datasheet HTML 4Page - STMicroelectronics LIS25BA Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
1
Schematic diagrams
Figure 1. STEVAL-MKI211V1 circuit schematic
SCL
SDA
1
2
3
4
5
6
7
8
9
10
11 12
J1
Header 6X2
VDDIO
GND
SDA
SCL
SCL
1
SDA
2
TDM_BICK
3
TDM_WCLK
4
TDM_SDOUT
5
TDM_MCLK
7
VDD
8
GND
9
VDD
10
I2C_A0
11
U1
LIS25BA
VDDIO
C1
100nF
C2
1uF
1
2
3
4
5
6
7
8
J2
Header 4X2
BICK
WCLK
DATA
MCLK
WCLK
BICK
DATA
MCLK
GND
BICK
WCLK
DATA
MCLK
STEVAL-MKI211V1K
Schematic diagrams
DB4042 - Rev 1
page 2/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com