Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDUMV30HVNETLX Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # PDUMV30HVNETLX
Description  5/5.8kW Single-Phase Switched PDU with LX Platform Interface, 208/240V Outlets (20 C13 & 4 C19), L6-30P, 0U, TAA
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

PDUMV30HVNETLX Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  PDUMV30HVNETLX Datasheet HTML 1Page - Tripp Lite. All Rights Reserved PDUMV30HVNETLX Datasheet HTML 2Page - Tripp Lite. All Rights Reserved PDUMV30HVNETLX Datasheet HTML 3Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
5/5.8kW Single-Phase Switched PDU with LX
Platform Interface, 208/240V Outlets (20 C13 & 4
C19), L6-30P, 0U, TAA
MODEL NUMBER: PDUMV30HVNETLX
Cost-effective 5/5.8kW PDU distributes, monitors and manages single-phase power in an IT or industrial
environment. Built-in network interface helps monitor load levels to prevent overloads that cause
downtime.
Description
The PDUMV30HVNETLX 5/5.8kW Single-Phase Switched PDU provides advanced network control and
remote power monitoring with the ability to turn on, turn off, reboot or lock out power to each outlet.
Recommended for any IT or industrial application, it features 24 switched outlets (20 C13 and 4 C19) with
included plug-lock insert sleeves to prevent cables from becoming accidentally disconnected. LEDs
indicate each outlet's on/off power status. A 10-ft. (3.05 m) cord with NEMA L6-30P plug connects the
PDU to a compatible AC power source, generator or protected UPS.
The built-in Java-free HTML5-based LX Platform network interface enables full remote access for PDU
status monitoring and email notifications via secure web browser, SNMP, telnet or SSH. It supports
10/100 Mbps auto-sensing for optimum communication with an Ethernet network. Optional EnviroSense2
modules (sold separately) provide a variety of environmental monitoring capabilities. Protocols supported
include HTTP, HTTPS, SMTP, SNMPv1, SNMPv2c, SNMPv3, telnet, SSH, FTP, DHCP and NTP.
A digital ammeter allows you to monitor each bank's load in real time to ensure it remains well below
maximum capacity with no danger of overload. The PDU mounts in 0U of space in EIA-standard 19-inch
racks using the included toolless mounting buttons or the included rack-mounting brackets. Use the
included PDUMVROTATEBRKT kit to install the unit with outlets facing the rear for better airflow or
equipment access.
Features
Distributes Network-Grade Single-Phase Power5/5.8kW 208/240V 30A switched PDU with single-
phase input/outputRecommended for network applications requiring individual outlet control, load
shedding and remote monitoring of critical network componentsNEMA L6-30P plug with 10-ft. (3.05 m)
cord connects to compatible AC power sourceFirmware upgrades support future product enhancements
24 Switched Outlets Distribute AC Power20 C13 and 4 C19 outlets split into 2 separately breakered
load banksIndividual outlets can be remotely controlled to power up, power down, reboot or lock out
devicesPlug-lock inserts prevent cables from becoming accidentally disconnected
Digital AmmeterReports load level on each bank and total PDU outputSupports IP-address self-
IDRotates 180° for easy reading at either angle
Built-In LX Platform InterfaceAllows full remote access for power monitoring with email notifications via
secure web browser, SNMP, telnet or SSHOptional EnviroSense2 modules (sold separately) provide a
variety of environmental monitoring capabilitiesNo Java required
Highlights
5/5.8kW 208/240V 30A switched
PDU
q
24 individually controllable
outlets—20 C13, 4 C19
q
Built-in LX Platform interface for
remote access
q
Digital ammeter for on-site load
monitoring in real time
q
NEMA L6-30P input with 10-ft.
(3.05 m) AC power cord
q
To enable the Auto Probe
feature, this product requires LX
firmware update 15.5.2 or later
to be installed
q
Package Includes
PDUMV30HVNETLX 5/5.8kW
Single-Phase Switched PDU
q
Configuration cable
q
(24) Plug-lock inserts
q
Rack-mounting hardware
q
PDUMVROTATEBRKT
mounting bracket accessory
q
Owner’s manual
q
1 / 3


Similar Part No. - PDUMV30HVNETLX

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
PDUMV30HVNET TRIPPLITE-PDUMV30HVNET Datasheet
166Kb / 4P
5/5.8kW Single-Phase Switched PDU, 208/240V Outlets (20-C13 and 4-C19), L6-30P, 10ft Cord, 0U Vertical, TAA
More results

Similar Description - PDUMV30HVNETLX

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
PDUMNV20HVLX TRIPPLITE-PDUMNV20HVLX Datasheet
184Kb / 4P
3.3??.7kW Single-Phase Monitored PDU, LX Platform Interface, 208/230V Outlets (20 C13/4 C19), C20/L6-20P, 0U 1.8m/70 in., TAA
PDUMV20HVNETLX TRIPPLITE-PDUMV20HVNETLX Datasheet
176Kb / 4P
3.2??.8kW Single-Phase Switched PDU with LX Platform Interface, 200??40V Outlets (20 C13 & 4 C19), C20/L6-20P, 0U, TAA
PDUMNH30HV TRIPPLITE-PDUMNH30HV Datasheet
169Kb / 4P
5/5.8kW Single-Phase Monitored PDU with LX Platform Interface, 208/240V Outlets (12-C13 and 4-C19), L6-30P, 12ft Cord, 2U Rack-Mount, TAA
PDU3EVN6H50BA TRIPPLITE-PDU3EVN6H50BA Datasheet
171Kb / 3P
14.5kW 3-Phase Monitored PDU - LX Platform, 30 C13 & 12 C19 Outlets (208/240V), Hubbell CS8365C, 0U, TAA
PDU3VSR6L1530 TRIPPLITE-PDU3VSR6L1530 Datasheet
166Kb / 4P
10kW 3-Phase Switched PDU, 200/208/240V Outlets (24-C13, 6-C19), L15-30P, 6ft Cord, 0U Vertical, TAA
PDUMV30HVNET TRIPPLITE-PDUMV30HVNET Datasheet
166Kb / 4P
5/5.8kW Single-Phase Switched PDU, 208/240V Outlets (20-C13 and 4-C19), L6-30P, 10ft Cord, 0U Vertical, TAA
PDUMVR30HVNETLX TRIPPLITE-PDUMVR30HVNETLX Datasheet
186Kb / 4P
5/5.8kW Single-Phase Switched PDU, Outlet Monitoring, 208/240V Outlets (20 C13 & 4 C19), 0U, LX Platform Interface, TAA
PDUMH30HV19NET TRIPPLITE-PDUMH30HV19NET Datasheet
165Kb / 4P
5.8kW Single-Phase Switched PDU with LX Platform Interface, 208/240V Outlets (8 C13 & 6 C19), L6-30P input, 15 ft. (4.57 m) Cord, 2U Rack-Mount, TAA
PDUMNV30HV2LX TRIPPLITE-PDUMNV30HV2LX Datasheet
188Kb / 4P
5/5.8kW Single-Phase Monitored PDU, LX Interface, 208/240V Outlets (36 C13/6 C19), L6-30P, 10 ft. Cord, 0U 1.8m/70 in. Height, TAA
PDUMNV30HVLX TRIPPLITE-PDUMNV30HVLX Datasheet
185Kb / 4P
5/5.8kW Single-Phase Monitored PDU with LX Platform Interface, 208/240V Outlets (20 C13 & 4 C19), L6-30P, 0U, TAA
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com