Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX77813 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX77813
Description  5.5V Input, 2A, High-Efficiency Buck-Boost Converter
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX77813 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX77813 Datasheet HTML 1Page - Maxim Integrated Products MAX77813 Datasheet HTML 2Page - Maxim Integrated Products MAX77813 Datasheet HTML 3Page - Maxim Integrated Products MAX77813 Datasheet HTML 4Page - Maxim Integrated Products MAX77813 Datasheet HTML 5Page - Maxim Integrated Products MAX77813 Datasheet HTML 6Page - Maxim Integrated Products MAX77813 Datasheet HTML 7Page - Maxim Integrated Products MAX77813 Datasheet HTML 8Page - Maxim Integrated Products MAX77813 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
(VSYS = VIN = +3.8V, VOUTS = VOUT = +3.3V, TJ = -40°C to +125°C, typical values are at TA ≈ TJ = +25°C, unless otherwise noted.)
(Note 4)
Note 2: Limits are 100% production tested at TJ = +25°C. The device is tested under pulsed load conditions such that TJ ≈ TA.
Limits over the operating temperature range are guaranteed through correlation using statistical quality control methods.
Note 3: Guaranteed by design. Not production tested.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Turn-On Delay Time
tON_DLY
From EN asserting to LX switching with
bias ON
100
µs
Soft-Start Timer
tSS
IOUT = 10mA, ILIM = high
120
µs
IOUT = 10mA, ILIM = low
800
Minimum Effective Output
Capacitance
CEFF(MIN)
0A < IOUT < 2000mA
16
µF
LX1, LX2 Leakage Current
ILK_25C
VLX1/2 = 0V or 5.5V, VOUT = 5.5V,
VSYS = VIN = 5.5V, TJ = +25°C
0.1
1
µA
ILK_125C
VLX1/2 = 0V or 5.5V, VOUT = 5.5V,
VSYS = VIN = 5.5V, TJ = +125°C
0.2
POWER-OK COMPARATOR
Output POK Trip Level
Rising threshold
80
%
Falling threshold
75
VSYS UNDERVOLTAGE LOCKOUT
VSYS Undervoltage Lockout
Threshold
VUVLO_R
VSYS rising
2.375
2.50
2.625
V
VUVLO_F
VSYS falling
2.05
LOGIC AND CONTROL INPUTS
Input Low Level
VIL
EN, ILIM, VSYS = 3.8V, TJ = +125°C
0.4
V
Input High Level
VIH
EN, ILIM, VSYS = 3.8V, TJ = -40°C
1.2
V
POK Output Low Voltage
VOL
ISINK = 1mA
0.4
V
POK Output High Leakage
IOZH_25C
TJ = +25°C
-1
+1
µA
IOZH_125C
TJ = +125°C
0.1
INTERNAL PULLDOWN RESISTANCE
EN
RPD
Pulldown resistance to GND
400
800
1600
kΩ
MAX77813
5.5V Input, 2A, High-Efficiency
Buck-Boost Converter
www.maximintegrated.com
Maxim Integrated │ 4
Buck-Boost Electrical Characteristics (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com