Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1746907 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1746907
Description  Feed-through header - MSTBA 2,5/15-G-5,08 BK
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1746907 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1746907 Datasheet HTML 1Page - PHOENIX CONTACT 1746907 Datasheet HTML 2Page - PHOENIX CONTACT 1746907 Datasheet HTML 3Page - PHOENIX CONTACT 1746907 Datasheet HTML 4Page - PHOENIX CONTACT 1746907 Datasheet HTML 5Page - PHOENIX CONTACT 1746907 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
https://www.phoenixcontact.com/pi/products/1746907
09/12/2020   Page 1 / 6
Feed-through header - MSTBA 2,5/15-G-5,08 BK - 1746907
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
PCB headers, nominal current: 12 A, rated voltage (III/2): 320 V, nominal cross section: 2.5 mm², number of
positions: 15, pitch: 5.08 mm, color: black, contact surface: Tin, mounting: Wave soldering, pin layout: Linear
pinning, solder pin [P]: 3.5 mm
The figure shows a 10-position
version of the product
Your advantages
 Maximum flexibility when it comes to device design – one header for connectors with different connection technologies
 Well-known mounting principle allows worldwide use
 Plug-in direction parallel to the PCB
 Closed contour for optimum stability of the plug-in connection
 Easy PCB replacement thanks to plug-in modules
Key Commercial Data
Packing unit
50 pc
Minimum order quantity
50 pc
GTIN
GTIN
4055626524450
Technical data
Item properties
Brief article description
Feed-through header
Plug-in system
CLASSIC COMBICON
Type of contact
Male connector
Range of articles
MSTBA 2,5/ -G
Pitch
5.08 mm
Number of positions
15
Mounting type
Wave soldering
Pin layout
Linear pinning
Number of levels
1


Similar Part No. - 1746907

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1746923 PHOENIX-1746923 Datasheet
41Kb / 2P
Printed-circuit board connector - MSTBA 2,5/13-G-5,08 BK
1746936 PHOENIX-1746936 Datasheet
41Kb / 2P
Printed-circuit board connector - MSTBA 2,5/12-G-5,08 BK
logo
TEKTRONIX, INC.
174694600 TEKTRONIX-174694600 Datasheet
1,012Kb / 13P
Series 2280S Precision Measurement, Low Noise, Programmable DC Power Supplies
logo
TEKTRONIX, INC
17469460X KEITHLEY-17469460X Datasheet
4Mb / 16P
2461 SourceMeter ® SMU Instrument
082821
logo
PHOENIX CONTACT
1746949 PHOENIX-1746949 Datasheet
41Kb / 2P
Base strip - MSTBA 2,5/11-G-5,08 BK
More results

Similar Description - 1746907

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1923898 PHOENIX-1923898 Datasheet
138Kb / 7P
Feed-through header - MSTBA 2,5 HC/ 5-G-5,08
1758681 PHOENIX-1758681 Datasheet
281Kb / 13P
Feed-through header - MSTBA 2,5/10-G-5,08 BK
1748248 PHOENIX-1748248 Datasheet
92Kb / 3P
Feed-through header - MSTBA 2,5/ 6-G-5,08 AU
11/04/2018
1923937 PHOENIX-1923937 Datasheet
164Kb / 10P
Feed-through header - MSTBA 2,5 HC/ 9-G-5,08
09/12/2020
1923940 PHOENIX-1923940 Datasheet
164Kb / 10P
Feed-through header - MSTBA 2,5 HC/10-G-5,08
09/12/2020
1926044 PHOENIX-1926044 Datasheet
130Kb / 8P
Feed-through header - MSTBA 2,5/ 5-G-5,08-RN
09/12/2020
1926099 PHOENIX-1926099 Datasheet
130Kb / 8P
Feed-through header - MSTBA 2,5/10-G-5,08-RN
09/12/2020
1926170 PHOENIX-1926170 Datasheet
130Kb / 8P
Feed-through header - MSTBA 2,5/18-G-5,08-RN
09/12/2020
1898949 PHOENIX-1898949 Datasheet
711Kb / 20P
Feed-through header - DFK-MSTBA 2,5/13-G-5,08
Jan 10, 2023
1898965 PHOENIX-1898965 Datasheet
607Kb / 20P
DFK-MSTBA 2,5/15-G-5,08 - Feed-through header
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com