Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC20XX Datasheet(PDF) 21 Page - Microchip Technology

Part # MIC20XX
Description  Fixed and Adjustable Current Limiting Power Distribution Switches
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC20XX Datasheet(HTML) 21 Page - Microchip Technology

Back Button MIC20XX Datasheet HTML 17Page - Microchip Technology MIC20XX Datasheet HTML 18Page - Microchip Technology MIC20XX Datasheet HTML 19Page - Microchip Technology MIC20XX Datasheet HTML 20Page - Microchip Technology MIC20XX Datasheet HTML 21Page - Microchip Technology MIC20XX Datasheet HTML 22Page - Microchip Technology MIC20XX Datasheet HTML 23Page - Microchip Technology MIC20XX Datasheet HTML 24Page - Microchip Technology MIC20XX Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
2021 - 2022 Microchip Technology Inc. and its subsidiaries
DS20006486C-page 21
MIC20XX
5.2
ILIMIT vs. IOUT Measured
The MIC20XX’s current-limiting circuitry, during current
limiting, is designed to act as a constant current source
to the load. As the load tries to pull more than the
allotted current, VOUT drops and the input to output
voltage differential increases. When VIN – VOUT
exceeds 1V, IOUT drops below ILIMIT to reduce the drain
of fault current on the system’s power supply and to
limit internal heating of the switch.
When measuring IOUT it is important to bear this
voltage dependence in mind, otherwise the
measurement data may appear to indicate a problem
when none really exists. This voltage dependence is
illustrated in Figure 5-1 and Figure 5-2.
In Figure 5-1, output current is measured as VOUT is
pulled below VIN, with the test terminating when VOUT
is 1V below VIN. Observe that once ILIMIT is reached
IOUT remains constant throughout the remainder of the
test. In Figure 5-2 this test is repeated but with
VIN – VOUT exceeding 1V.
When VIN – VOUT > 1V, the switch’s current limiting
circuitry responds by decreasing IOUT, as can be seen
in Figure 5-2. In this demonstration, VOUT is being
controlled and IOUT is the measured quantity. In real life
applications VOUT is determined in accordance with
ohm’s law by the load and the limiting current.
FIGURE 5-1:
IOUT in Current Limiting for
VIN - VOUT < 1V.
FIGURE 5-2:
IOUT in Current Limiting for
VIN - VOUT > 1V.
This folding back of ILIMIT can be generalized by
plotting ILIMIT as a function of VOUT, as shown below in
Figure 5-3 and Figure 5-4. The slope of VOUT between
IOUT = 0V and IOUT = ILIMIT (where ILIMIT = 1A) is
determined by RON of the switch and ILIMIT.
FIGURE 5-3:
Normalized Output Current
vs. Output Voltage (5V).
FIGURE 5-4:
Normalized Output Current
vs. Output Voltage (2.5V).
0
0.2
0.4
0.6
0.8
1.0
1.2
01
2345
6
OUTPUT VOLTAGE (V)
0
0.2
0.4
0.6
0.8
1.0
1.2
0
0.5
1.0
1.5
2.0
2.5
3.0
OUTPUT VOLTAGE (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com