Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2810 Datasheet(PDF) 4 Page - Microchip Technology

Part # MIC2810
Description  Digital Power Management IC 2 MHz, 600 mA DC/DC with Dual 300 mA/300 mA Low VIN LDOs
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2810 Datasheet(HTML) 4 Page - Microchip Technology

  MIC2810 Datasheet HTML 1Page - Microchip Technology MIC2810 Datasheet HTML 2Page - Microchip Technology MIC2810 Datasheet HTML 3Page - Microchip Technology MIC2810 Datasheet HTML 4Page - Microchip Technology MIC2810 Datasheet HTML 5Page - Microchip Technology MIC2810 Datasheet HTML 6Page - Microchip Technology MIC2810 Datasheet HTML 7Page - Microchip Technology MIC2810 Datasheet HTML 8Page - Microchip Technology MIC2810 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
MIC2810
DS20005910B-page 4
2017 - 2022 Microchip Technology Inc. and its subsidiaries.
ELECTRICAL CHARACTERISTICS (Note 1)
Electrical Characteristics: VIN = EN1 = EN2 = LOWQ = VOUT (Note 2) + 1V; COUTDC/DC = 2.2 µF, CLDO1 = CLDO2 =
2.2 µF; IOUTDC/DC = 100 mA; IOUTLDO1 = IOUTLDO2 = 100 µA; TJ = 25°C, bold values indicate –40°C ≤ TJ ≤ +125°C;
unless noted.
Parameter
Symbol
Min.
Typ.
Max.
Units
Conditions
UVLO Threshold
UVLOTH
2.45
2.55
2.65
V
Rising input voltage during turn-on
UVLO Hysteresis
UVLOHYS
—
100
—
mV
—
Ground Pin Current
IGND
—
800
1100
µA
VFB = GND (not switching)
—
55
85
LDO1 or LDO2 (EN = GND; EN1 or
EN2 = GND)
—
—
95
Ground Pin Current in
Shutdown
IGND_SHDN
—
0.2
5
µA
EN = EN1 = EN2 = 0V
Ground Pin Current
(LOWQ mode)
IGND_LOWQ
—
30
60
µA
All channels on, IDC/DC = ILDO1 =
ILDO2 = 0 mA (LOWQ = GND)
—
—
80
—
20
70
LDO1 or LDO2 (EN = GND; EN1 or
EN2 = GND);
IOUT = 0 mA (LOWQ = GND)
Overtemperature
Shutdown
TSD
—
160
—
°C
—
Overtemperature
Shutdown Hysteresis
TSDHYS
—
23
—
°C
—
Enable Inputs (EN; EN1; EN2; LOWQ)
Enable Input Voltage
VIH
—
—
0.2
V
Logic Low
VIL
1.0
—
—
V
Logic High
Enable Input Current
IENLK
—
0.1
1
µA
VIL ≤ 0.2V
—
0.1
1
µA
VIH ≥ 1.0V
Turn-on Time
Turn-on Time
(LDO1 and LDO2)
tTURN-ON
—
240
500
µs
—
Turn-on Time (DC/DC)
tTURN-ON
—
83
350
µs
(LOWQ = VIN; ILOAD = 300 mA);
(LOWQ = GND; ILOAD = 10 mA)
POR Output
POR Threshold Voltage,
Falling
VTHLOW_POR
90
91
—
%
Low Threshold, % of nominal
(VDC/DC or VLDO1 or VLDO2) (Flag
ON)
POR Threshold Voltage,
Rising
VTHIGH_POR
—
96
99
%
High Threshold, % of nominal
(VDC/DC and VLDO1 and VLDO2)
(Flag OFF)
VOL
VOLPOR
—
10
100
mV
POR Output Logic Low Voltage; IL =
250 µA
IPOR
ILEAKPOR
—
0.01
1
µA
Flag Leakage Current, Flag OFF
SET INPUT
SET Pin Current Source
ISET
0.75
1.25
1.75
µA
VSET = 0V
SET Pin Threshold
Voltage
VTHSET
—
1.25
—
V
POR = High
Note 1: Specification for packaged product only.
2: VOUT denotes the highest of the three output voltages of DC/DC, LDO1 and LDO2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com