Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC58ECX Datasheet(PDF) 136 Page - STMicroelectronics

Part # SPC58ECX
Description  SPC58 C Line - 32 bit Power Architecture automotive MCU Dual z4 cores 180 MHz, 4 MBytes Flash, HSM, ASIL-B
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC58ECX Datasheet(HTML) 136 Page - STMicroelectronics

Back Button SPC58ECX Datasheet HTML 132Page - STMicroelectronics SPC58ECX Datasheet HTML 133Page - STMicroelectronics SPC58ECX Datasheet HTML 134Page - STMicroelectronics SPC58ECX Datasheet HTML 135Page - STMicroelectronics SPC58ECX Datasheet HTML 136Page - STMicroelectronics SPC58ECX Datasheet HTML 137Page - STMicroelectronics SPC58ECX Datasheet HTML 138Page - STMicroelectronics SPC58ECX Datasheet HTML 139Page - STMicroelectronics SPC58ECX Datasheet HTML 140Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 153 page
background image
Electrical characteristics
SPC584Cx, SPC58ECx
136/153
DS11620 Rev 8
6
Ordering information
Figure 64. Commercial product scheme
Note:
Please contact your ST sales office to ask for the availability of a particular commercial
product.
Features (for instance, flash, RAM or peripherals) not included in the commercial product
cannot be used.
ST cannot be called to take any liability for features used outside the commercial product.
Memory
Core Product
Package
80
EC
C3
Example code:
Product identifier
G
SPC58
MF
Frequency
0
Silicon
X
Packing
Security
Custom
version
revision
Y= Tray
X = Tape and Reel (pin 1 top right)
0 = 1st version
1 = 2nd version
0 = No security
C = Security HW (HSM)
0 = 8x ISO CAN FD
E = Ethernet
F= Flexray
M = Ethernet + Flexray
E = 120 MHz at 105
°C
F = 160 MHz at 105
°C
G = 180 MHz at 105
°C
N = 120 MHz at 125
°C
P = 160 MHz at 125
°C
Q = 180 MHz at 125
°C
E7 = eLQFP176
E5 = eTQFP144
E3 = eTQFP100
E1 = eTQFP64
C3 = FPBGA292
80 = 4 MB
74 = 3 MB
70 = 2 MB
C = SPC58xCx line
4 = Single computing e200z4 core
(CPU_2)
E = Dual computing e200z4 core
(CPU_2 + CPU_0)
SPC58 = Power Architecture in 40 nm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com