Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC58ECX Datasheet(PDF) 140 Page - STMicroelectronics

Part # SPC58ECX
Description  SPC58 C Line - 32 bit Power Architecture automotive MCU Dual z4 cores 180 MHz, 4 MBytes Flash, HSM, ASIL-B
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC58ECX Datasheet(HTML) 140 Page - STMicroelectronics

Back Button SPC58ECX Datasheet HTML 136Page - STMicroelectronics SPC58ECX Datasheet HTML 137Page - STMicroelectronics SPC58ECX Datasheet HTML 138Page - STMicroelectronics SPC58ECX Datasheet HTML 139Page - STMicroelectronics SPC58ECX Datasheet HTML 140Page - STMicroelectronics SPC58ECX Datasheet HTML 141Page - STMicroelectronics SPC58ECX Datasheet HTML 142Page - STMicroelectronics SPC58ECX Datasheet HTML 143Page - STMicroelectronics SPC58ECX Datasheet HTML 144Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 153 page
background image
Revision history
SPC584Cx, SPC58ECx
140/153
DS11620 Rev 8
7
Revision history
Table 82. Document revision history
Date
Revision
Changes
13-May-2016
1
Initial version.
07-June-2016
2
Added Microsoft Excel® workbook file attached to this
document version 5.0 (dated 14 April 2016). For
details on the changes, refer to the sheet "Revision History".
24-Mar-2017
3
Chapter 3: Electrical characteristics
Section 4.1: Introduction
:
– Removed text “The IPs and...for the details”.
– Removed the two notes.
Section 4.2: Absolute maximum ratings
– Added text “Exposure to absolute ... reliability”
– Added text “even momentarily”
Table 4: Absolute maximum ratings
:
– Updated values in conditions column.
– Added parameter TTRIN
– For parameter “TSTG”, maximum value updated from “175” to “125”
– Added new parameter “TPAS”
– For parameter “IINJ”, description updated from “maximum...PAD” to “maximum
DC...pad”
Section 4.3: Operating conditions
:
Table 5: Operating conditions
:
– Added footnote “The maximum number...” to parameter FSYS.
– For parameter “VDD_LV”, changed the classification from “D” to “P”
Table 7: Device supply relation during power-up/power-down sequence
: Parameter
“VDD_LV” removed
Renamed “Wait State configuration” table to Table 6: PRAM wait states
configuration
Section 4.7: Device consumption
:
Table 8: Device consumption
: Values updated for the following parameters:
– Max value of “IDD_MAIN_CORE_AC” updated to “50”
– Min and Max value of “IDDHALT” updated from “74” and “115” to “71” and “100”
respectively
– Min and Max value of “IDDSTOP” updated from “18” and “45” to “15” and “30”
respectively
Section 4.8: I/O pad specification
:
– Replaced all occurrences of “50 pF load” with “CL=50pF”.
– Removed note “The external ballast....”
Section 4.8.2: I/O output DC characteristics
: Added note “10%/90% is the....”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com