Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC58ECX Datasheet(PDF) 141 Page - STMicroelectronics

Part # SPC58ECX
Description  SPC58 C Line - 32 bit Power Architecture automotive MCU Dual z4 cores 180 MHz, 4 MBytes Flash, HSM, ASIL-B
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC58ECX Datasheet(HTML) 141 Page - STMicroelectronics

Back Button SPC58ECX Datasheet HTML 137Page - STMicroelectronics SPC58ECX Datasheet HTML 138Page - STMicroelectronics SPC58ECX Datasheet HTML 139Page - STMicroelectronics SPC58ECX Datasheet HTML 140Page - STMicroelectronics SPC58ECX Datasheet HTML 141Page - STMicroelectronics SPC58ECX Datasheet HTML 142Page - STMicroelectronics SPC58ECX Datasheet HTML 143Page - STMicroelectronics SPC58ECX Datasheet HTML 144Page - STMicroelectronics SPC58ECX Datasheet HTML 145Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 153 page
background image
DS11620 Rev 8
141/153
SPC584Cx, SPC58ECx
Revision history
152
24-Mar-2017
3
(cont’d)
Table 13: WEAK/SLOW I/O output characteristics
:
– For parameter “Fmax_W”, updated condition “25 pF load” to “CL=25pF”
– For parameter “tTR_S”, changed min value (25 pF load) from “4” to “3”
– Changed min value (50 pF load) from “6” to “5”
Table 10: I/O pad specification descriptions
: Description of “Standby pads” updated
from “Some pads are...weak-pull currents” to “These pads are...CMOS threshold”
Table 15: STRONG/FAST I/O output characteristics
: Parameter “IDCMAX_S”
updated:
– Condition added “VDD=5V+10%
Condition added “VDD=3.3V+10%
– Max value updated to 5.5mA
Table 17: I/O consumption
: Updated all the max values of parameters IDYN_W and
IDYN_M
Section 3.9: Reset pad (PORST) electrical characteristics
:
Table 19: Reset Pad state during power-up and reset
: Added this table.
Section 3.10: PLLs
:
Table 20: PLL0 electrical characteristics
:
– Classification of parameter “IPLL0” changed from “C” to “T”.
– Footnote “Jitter values...CLKOUT pin” added for parameters:
|ΔPLL0PHI0SPJ|
|ΔPLL0PHI1SPJ|
ΔPLL0LTJ
Table 21: PLL1 electrical characteristics
:
– Classification of parameter “IPLL1” changed from “C” to “T”.
– Footnote “Jitter values...CLKOUT pin” added for parameter “
|ΔPLL1PHI0SPJ|”
Section 4.11: Oscillators
:
Renamed section “RC oscillator 1024 kHz” to Section 4.11.4: Low power RC
oscillator
Table 22: External 40 MHz oscillator electrical specifications
:
– Classification for parameters “CS_EXTAL” and “CS_EXTAL” changed from “T” to “D”.
– Updated classification, conditions, min and max values for parameter “gm”.
– For parameters “CS_EXTAL” and “CS_EXTAL”, text “QFP” and “BGA” removed. Only
QFP values remain.
– Min nd Max value of parameters CS_EXTAL updated from “1.5” and “3.2” to “3” and
“7” respectively.
– Min nd Max value of parameters CS_XTAL updated from “1.5” and “3.2” to “3” and
“7” respectively.
– For parameter “gm”, classification changed from “D” to “P” for frequency “15-20
MHz”
– For parameter “gm”, classification changed from “P” to “D” for frequency “20-25
MHz”
Table 82. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com