Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC58ECX Datasheet(PDF) 145 Page - STMicroelectronics

Part # SPC58ECX
Description  SPC58 C Line - 32 bit Power Architecture automotive MCU Dual z4 cores 180 MHz, 4 MBytes Flash, HSM, ASIL-B
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC58ECX Datasheet(HTML) 145 Page - STMicroelectronics

Back Button SPC58ECX Datasheet HTML 141Page - STMicroelectronics SPC58ECX Datasheet HTML 142Page - STMicroelectronics SPC58ECX Datasheet HTML 143Page - STMicroelectronics SPC58ECX Datasheet HTML 144Page - STMicroelectronics SPC58ECX Datasheet HTML 145Page - STMicroelectronics SPC58ECX Datasheet HTML 146Page - STMicroelectronics SPC58ECX Datasheet HTML 147Page - STMicroelectronics SPC58ECX Datasheet HTML 148Page - STMicroelectronics SPC58ECX Datasheet HTML 149Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 153 page
background image
DS11620 Rev 8
145/153
SPC584Cx, SPC58ECx
Revision history
152
04-Feb-2018
4
Features
: Added AEC-Q100 qualified and updated core name to “e200z420n3”
(was “
e200z4d”).
Chapter 3: Package pinouts and signal descriptions
:
Rephrased introduction sentence since the pinout excel file will no longer be
attached to the datasheet
Chapter 3: Electrical characteristics
: Reformated note from introduction
Table 3: Parameter classifications
: Updated the description of classification tag “T”
Section 4.3: Operating conditions
: Replaced reference to IO_definition excel file by
"the device pinout IO definition excel file"
Table 5: Operating conditions
:
– Removed note “Core voltage as ....”
– Added parameter IINJ2
– Removed parameter “VRAMP_LV”
– Updated the table footnote “Positive and negative Dynamic current....” for all
Chorus devices
Table 6: PRAM wait states configuration
: Renamed the “Wait State configuration”
table to “PRAM wait state configuration”
Table 8: Device consumption
:
“IDD_LKG” and “IDD_LV”: Added footnote “IDD_LKG and IDD_LV are reported as...”
Updated: IDD_LKG, IDDSTBY8 and IDDSTBY256 for all conditions
Updated some typical values for IDDSTBY8 and IDDSTBY256
Replaced all references to the IO_definitions excel file by “the device pinout IO
definition excel file
Table 10: I/O pad specification descriptions
: Changed “the CMOS threshold” by
“(VDD_HV_IO_MAIN / 2) +/-20%” at Standby pads type
Table 15: STRONG/FAST I/O output characteristics
: updated values for tTR_S for
condition CL = 25 pF and CL = 50 pF
Table 16: VERY STRONG/VERY FAST I/O output characteristics
:
–“tTR20-80” replaced by “tTR20-8_V”
–“tTRTTL” replaced by “tTRTTL_V”
–“
ΣtTR20-80” replaced by “ΣtTR20-80_V”
Table 18: Reset PAD electrical characteristics
: replaced reference to IO_definition
excel file by "Refer to the device pinout IO definition excel file"
Table 20: PLL0 electrical characteristics
:
–
|ΔPLL0PHI0SPJ|: changed “T” by “D” and added pk-pk to Conditions value
–
|ΔPLL0PHI1SPJ|: added pk-pk to Conditions value
Table 20: PLL0 electrical characteristics
and Table 21: PLL1 electrical
characteristics
: Added “fINFIN”, Symbol “fINFIN”: changed “C” by “—” in column “C”
Table 82. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com