Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC58ECX Datasheet(PDF) 148 Page - STMicroelectronics

Part # SPC58ECX
Description  SPC58 C Line - 32 bit Power Architecture automotive MCU Dual z4 cores 180 MHz, 4 MBytes Flash, HSM, ASIL-B
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC58ECX Datasheet(HTML) 148 Page - STMicroelectronics

Back Button SPC58ECX Datasheet HTML 144Page - STMicroelectronics SPC58ECX Datasheet HTML 145Page - STMicroelectronics SPC58ECX Datasheet HTML 146Page - STMicroelectronics SPC58ECX Datasheet HTML 147Page - STMicroelectronics SPC58ECX Datasheet HTML 148Page - STMicroelectronics SPC58ECX Datasheet HTML 149Page - STMicroelectronics SPC58ECX Datasheet HTML 150Page - STMicroelectronics SPC58ECX Datasheet HTML 151Page - STMicroelectronics SPC58ECX Datasheet HTML 152Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 153 page
background image
Revision history
SPC584Cx, SPC58ECx
148/153
DS11620 Rev 8
25-Sep-2018
5
Section 4.16: Flash
Table 40: Wait State configuration
: Updated this table by adding APC parameter
and frequency ranges.
Section 4: Package information
Updated Section 4.3: eTQFP144 package information
Updated Section 4.4: eLQFP176 package information
Section 5: Ordering information
Figure 64: Commercial product scheme
: updated example code for Silicon revision
value and Packing value
Table 81: RAM options
: Split the last PRAMC_3 line into 2 lines
16-Jun-2020
6
Throughout document:
Formatting and editorial changes.
The following are the changes in this version of the Datasheet:
Updated the sub-title for Cover page
Updated package information on Cover page.
Updated Chapter 1: Introduction:
Removed “Document overview” section title.
Updated section 1.2 Description to Chapter 2: Description
Chapter 4: Electrical characteristics
:
Section 4.2: Absolute maximum ratings
:
Table 4: Absolute maximum ratings
: Added cross reference to footnote(2) to all
VDD_HV* and VIN
Section 4.3: Operating conditions
:
– Table 5: Operating conditions: VDD_HV_ADR_S: removed line for C condition.
– Table 7: Device supply relation during power-up/power-down sequence: changed
VDD_HV_IO_ to VDD_HV_IO_FLEX.
Updated Section 4.6: Temperature profile
Section 4.7: Device consumption
:
Table 9: Device consumption
: move table footnote 1. from table title to “Value”.
Section 4.9: Reset pad (PORST) electrical characteristics
– Figure 5: Startup Reset requirements: deleted VDDMIN
Table 82. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com