Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC58ECX Datasheet(PDF) 150 Page - STMicroelectronics

Part # SPC58ECX
Description  SPC58 C Line - 32 bit Power Architecture automotive MCU Dual z4 cores 180 MHz, 4 MBytes Flash, HSM, ASIL-B
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC58ECX Datasheet(HTML) 150 Page - STMicroelectronics

Back Button SPC58ECX Datasheet HTML 145Page - STMicroelectronics SPC58ECX Datasheet HTML 146Page - STMicroelectronics SPC58ECX Datasheet HTML 147Page - STMicroelectronics SPC58ECX Datasheet HTML 148Page - STMicroelectronics SPC58ECX Datasheet HTML 149Page - STMicroelectronics SPC58ECX Datasheet HTML 150Page - STMicroelectronics SPC58ECX Datasheet HTML 151Page - STMicroelectronics SPC58ECX Datasheet HTML 152Page - STMicroelectronics SPC58ECX Datasheet HTML 153Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 150 / 153 page
background image
Revision history
SPC584Cx, SPC58ECx
150/153
DS11620 Rev 8
16-Jun-2020
6
(cont’d)
Section 4.15.3: Voltage monitors
:
Table 39: Voltage monitor electrical characteristics
: added footnote “Even if
LVD/HVD...”
Section 4.16: Flash
Table 40: Wait State configuration
: for APC=001 changed the minimum frequency
from 40 to 55 MHz
Section 4.17: AC Specifications
Section 4.17.2.1.1: DSPI CMOS master mode – classic timing
– Table 47: DSPI CMOS master classic timing (full duplex and output only) MTFE =
0, CPHA = 0 or 1
: added footnote “Due to timing delay...”.
– Table 48: DSPI CMOS master modified timing (full duplex and output only)
MTFE = 1, CPHA = 0 or 1
: added footnote “Due to timing delay...”.
– Updated Figure 28: DSPI CMOS master mode — classic timing, CPHA = 1
Section 4.17.3.7: RMII transmit signal timing (TXD[1:0], TX_EN)
: added Note “RMII
transmit...as 1ns”.
Chapter 5: Package information
Added introduction sentence in each Package section.
Added sub-section “Package mechanical drawings and data information” and
introduction sentence to the notes list.
Table 64: Package case numbers
: removed package reference column.
Section 5.1: eTQFP64 package information
Updated Figure 47: eTQFP64 package outline
Added Figure 48: eTQFP64 section A-A
Added Figure 49: eTQFP64 section B-B
Table 65: eTQFP64 package mechanical data
:
– updated table, notes content and numbering
– updated min. dimensions for D3 and E3
Moved notes to new section Section 5.1.1: Package mechanical drawings and data
information
:
Added Figure 50: eTQFP64 leadframe pad design
Added Table 66: eTQFP64 symbol definitions
Section 5.2: eTQFP100 package information
Updated Figure 51: eTQFP100 package outline
Added Figure 52: eTQFP100 section A-A
Added Figure 53: eTQFP100 section B-B
Table 67: eTQFP100 package mechanical data
: updated table, notes content and
numbering.
Moved notes to new section Section 5.2.1: Package mechanical drawings and data
information
:
Table 82. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com