Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC58ECX Datasheet(PDF) 152 Page - STMicroelectronics

Part # SPC58ECX
Description  SPC58 C Line - 32 bit Power Architecture automotive MCU Dual z4 cores 180 MHz, 4 MBytes Flash, HSM, ASIL-B
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC58ECX Datasheet(HTML) 152 Page - STMicroelectronics

Back Button SPC58ECX Datasheet HTML 145Page - STMicroelectronics SPC58ECX Datasheet HTML 146Page - STMicroelectronics SPC58ECX Datasheet HTML 147Page - STMicroelectronics SPC58ECX Datasheet HTML 148Page - STMicroelectronics SPC58ECX Datasheet HTML 149Page - STMicroelectronics SPC58ECX Datasheet HTML 150Page - STMicroelectronics SPC58ECX Datasheet HTML 151Page - STMicroelectronics SPC58ECX Datasheet HTML 152Page - STMicroelectronics SPC58ECX Datasheet HTML 153Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 152 / 153 page
background image
Revision history
SPC584Cx, SPC58ECx
152/153
DS11620 Rev 8
16-Jun-2020
6
(cont’d)
Chapter 6: Ordering information
Updated Figure 64: Commercial product scheme
Table 79: Code Flash Options FOTA (KByte)
– Renamed the Table to Code Flash Options FOTA (KByte)
– Updated partition for start addresses 0x00FC0000, 0x00FC4000, 0x00FC8000
and 0x00FCC000
Added Table 80: Code Flash Options contiguous (KByte)
31-Jul-2020
7
The following are the changes in this version of the Datasheet:
Chapter 5: Package information
Table 65: eTQFP64 package mechanical data
:
– Updated values of min dimension for D3 and E3 to 5.9.
– Updated value for ddd to 0.07.
Chapter 6: Ordering information
Table 79: Code Flash Options FOTA (KByte)
: Added note, “The user must use this
mapping without mixing it with the Contiguous one in Table 80” to SPC58xC74 (3M)
and SPC58xC70 (2M).
Table 80: Code Flash Options contiguous (KByte)
: Added note, “The user must use
this mapping without mixing it with the FOTA one in Table 79” to SPC58xC74 (3M)
and SPC58xC70 (2M).
07-May-2021
8
The following are the changes in this version of the Datasheet:
Section 4.16: Flash
Table 41: Flash memory program and erase specifications
Program rate symbol “tprr” is changed to “ttr”
Chapter 5: Package information
Table 65: eTQFP64 package mechanical data
:
– Updated values of min dimension for D3 and E3 to 5.25.
– Updated values of max dimension for D2 and E2 to 6.93.
– Updated value for ddd to 0.08.
Figure 51: eTQFP100 package outline
: updated.
Section 5.2.1: Package mechanical drawings and data information
:
– Added note 19.
Table 82. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com