Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC58ECX Datasheet(PDF) 143 Page - STMicroelectronics

Part # SPC58ECX
Description  SPC58 C Line - 32 bit Power Architecture automotive MCU Dual z4 cores 180 MHz, 4 MBytes Flash, HSM, ASIL-B
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC58ECX Datasheet(HTML) 143 Page - STMicroelectronics

Back Button SPC58ECX Datasheet HTML 139Page - STMicroelectronics SPC58ECX Datasheet HTML 140Page - STMicroelectronics SPC58ECX Datasheet HTML 141Page - STMicroelectronics SPC58ECX Datasheet HTML 142Page - STMicroelectronics SPC58ECX Datasheet HTML 143Page - STMicroelectronics SPC58ECX Datasheet HTML 144Page - STMicroelectronics SPC58ECX Datasheet HTML 145Page - STMicroelectronics SPC58ECX Datasheet HTML 146Page - STMicroelectronics SPC58ECX Datasheet HTML 147Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 153 page
background image
DS11620 Rev 8
143/153
SPC584Cx, SPC58ECx
Revision history
152
24-Mar-2017
3
(cont’d)
Section 4.14: LFAST pad electrical characteristics
:
Table 32: LFAST PLL electrical characteristics
:
– Min and Max value of parameter “ERRREF” updated from “TBD” to “-1” and “+1”
respectively
– Max value of parameter “PN” updated from “TBD” to “-58”
– Frequency of parameter “
ΔPERREF” updated from “10MHz” to “20MHz”.
– Max value of parameter “
ΔPERREF” for condition “Single period” updated from
“TBD” to “350”
– Min and Max value of parameter “
ΔPERREF” for condition “Long period” updated
from “TBD” to “-500” and “+500” respectively.
Section 4.15: Power management
:
Table 33: Power management regulators
: Removed text “In parts packaged with
LQFP176, the auxiliary and clamp regulators cannot be enabled” from note 2.
Table 32: External components Integration
:
– For PMOS, replaced “STT4P3LLH6” with “PMPB100XPEA”
– For NMOS, replaced “STT6N3LLH6” with “PMPB55XNEA”
– Added table footnote to typ value of CS2.
– Removed table footnote “External components number.......”
Table 35: Linear regulator specifications
: Classification of parameter “IDDMREG”
changed from “T” to “P”.
Table 36: Auxiliary regulator specifications
: Classification of parameter “IDDAUX”
changed from “T” to “P”.
Table 38: Standby regulator specifications
: Classification of parameter “IDDSBY”
changed from “T” to “P”.
Figure 17: Voltage monitor threshold definition
: Updated the figure.
Table 39: Voltage monitor electrical characteristics
:
–For VPOR031_C, changed the max value from 0.85 to 0.97.
–For TVMFILTER, replaced T with D.
– Min value of “VPOR200_C” updated from “1.96” to “1.80”
– Max value of “VPOR031_C” updated from “.85” “0.97”
– Min value of “VMVD270_SBY” updated from “2.71” to “2.68”
– Max value of “VMVD270_SBY” updated from “2.80” “2.84”
– Changed the min value of parameter VPOR200_C from “1.96” to “1.80”
– Changed the max value of parameter VPOR031_C from “0.85” to “0.97”
– Changed the condition of parameter TVMFILTER from “T” to “D”
Section 4.17: AC Specifications
:
Table 44: Nexus debug port timing
: Classification of parameters “tEVTIPW” and
“tEVTOPW” changed from “P” to “D”.
Table 46: DSPI channel frequency support
: Added column to show slower and
faster frequencies.
Table 49: DSPI CMOS slave timing — full duplex — normal and modified transfer
formats (MTFE = 0/1)
: Added column to show slower and faster frequencies.
Table 47: DSPI CMOS master classic timing (full duplex and output only) MTFE = 0,
CPHA = 0 or 1
: Changed the Min value of tSCK (very strong) from 33 to 59.
Table 82. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com