Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STEVALISC004V1 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STEVALISC004V1
Description  STUSB4710A evaluation board (with on-board DC-DC)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVALISC004V1 Datasheet(HTML) 1 Page - STMicroelectronics

  STEVALISC004V1 Datasheet HTML 1Page - STMicroelectronics STEVALISC004V1 Datasheet HTML 2Page - STMicroelectronics STEVALISC004V1 Datasheet HTML 3Page - STMicroelectronics STEVALISC004V1 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
September 2017
DocID031010 Rev 1
1/4
For further information contact your local STMicroelectronics sales
office
www.st.com
STEVAL-ISC004V1
STUSB4710A evaluation board (with on-board DC-DC)
Data brief
Features
1 x USB PD port (source)
STUSB4710A USB power delivery controller
Compliant with:
USB Type-C r1.2
USB PD r2.0
On-board DC-DC
VBUS power switches and discharge path
Support for up to 5 power data objects
(PDO)
Short-to-VBUS protections on CC pins (22 V)
and VBUS pins (28 V)
Customizable start-up profiles
Compatible with NUCLEO-F072RB board for
configuration and debug interface
RoHS compliant
Description
The STEVAL-ISC004V1 evaluation board is a
ready-to-use USB PD source based on
STUSB4710A and ST1S14 ICs. It demonstrates
how to convert a fixed voltage DC power input
into a USB PD variable voltage output.
The STUSB4710A acts as a Type-C port
interface that ensures power delivery advertising
and negotiation, drives the DC-to-DC converter
and power paths, and monitors VBUS voltage.
The ST1S14 device manages the step down
conversion from the DC input port to the
negotiated VBUS voltage.
The various LEDs indicate the operating status of
the STUSB4710A and USB PD port.
The USB PD port is pre-configured with five
different PDOs to address a broad range of
applications (5 V, 9 V, 12 V, 15 V and 20 V).


Similar Part No. - STEVALISC004V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVALISB035V1 STMICROELECTRONICS-STEVALISB035V1 Datasheet
307Kb / 4P
Li-Ion/Li-Po battery power management evaluation board based on STBC03
27-Sep-2017
STEVALISB047V1 STMICROELECTRONICS-STEVALISB047V1 Datasheet
720Kb / 4P
Qi certified 3-coil 15 W wireless charger TX evaluation kit based on STWBC-MC
06-Feb-2019
More results

Similar Description - STEVALISC004V1

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
QPO-1-EVAL3 VICOR-QPO-1-EVAL3 Datasheet
412Kb / 4P
QPO-1 Evaluation Board, Micro Foot Print DC-DC Converters
QPO-1-EVAL5 VICOR-QPO-1-EVAL5 Datasheet
451Kb / 4P
QPO-1 Evaluation Board, Mini Foot Print DC-DC Converters
logo
Monolithic Power System...
EV6001DN-00A MPS-EV6001DN-00A Datasheet
222Kb / 5P
Monolithic Flyback/Forward DC-DC Converter Evaluation Board
logo
National Semiconductor ...
LM3434 NSC-LM3434_1 Datasheet
1Mb / 8P
Evaluation Board adaptive constant on-time DC/DC buck
logo
Silicon Laboratories
SI88241ED-IS SILABS-SI88241ED-IS Datasheet
220Kb / 7P
installed on the evaluation board
logo
Vicor Corporation
PI31XX-XX-EVAL1 VICOR-PI31XX-XX-EVAL1 Datasheet
2Mb / 14P
DC-DC Converter Evaluation Board
logo
STMicroelectronics
STEVAL-ISA023V1 STMICROELECTRONICS-STEVAL-ISA023V1 Datasheet
139Kb / 4P
Flyback AC-DC converter evaluation board based on the VIPer53-E
03-Dec-2007
logo
Monolithic Power System...
EV6001DN-01A MPS-EV6001DN-01A Datasheet
215Kb / 5P
Monolithic Flyback/Forward DC-DC Converter Evaluation Board
EV6002DN-00A MPS-EV6002DN-00A Datasheet
149Kb / 5P
Monolithic Flyback/Forward DC-DC Converter Evaluation Board
EV6003-N-00A MPS-EV6003-N-00A Datasheet
691Kb / 9P
Monolithic Flyback/Forward DC-DC Converter Evaluation Board
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com