Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC4826YMM Datasheet(PDF) 3 Page - Microchip Technology

Part # MIC4826YMM
Description  Low Input Voltage, 160 VPP Output Voltage, EL Driver
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC4826YMM Datasheet(HTML) 3 Page - Microchip Technology

  MIC4826YMM Datasheet HTML 1Page - Microchip Technology MIC4826YMM Datasheet HTML 2Page - Microchip Technology MIC4826YMM Datasheet HTML 3Page - Microchip Technology MIC4826YMM Datasheet HTML 4Page - Microchip Technology MIC4826YMM Datasheet HTML 5Page - Microchip Technology MIC4826YMM Datasheet HTML 6Page - Microchip Technology MIC4826YMM Datasheet HTML 7Page - Microchip Technology MIC4826YMM Datasheet HTML 8Page - Microchip Technology MIC4826YMM Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
2019 -2022 Microchip Technology Inc.
DS20006134B-page 3
MIC4826
1.0
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings †
Supply Voltage (VDD) ................................................................................................................................... –0.5V to +6V
Output Voltage (VCS) ............................................................................................................................... –0.5V to +100V
Frequency Control Voltage (VRSW, VREL)....................................................................................... –0.5V to (VDD +0.3V)
Power Dissipation @ TA = 85°C ..........................................................................................................................200 mV
Storage Temperature (TS)......................................................................................................................–65°C to +150°C
ESD Rating .......................................................................................................................................................... (Note 1)
Operating Ratings ‡
Supply Voltage (VDD) ................................................................................................................................ +1.8V to +5.5V
Lamp Drive Frequency (fEL).................................................................................................................. 60 Hz to 1000 Hz
Switching Transistor Frequency (fSW)....................................................................................................8 kHz to 200 kHz
Ambient Temperature............................................................................................................................... –40°C to +85°C
Package Thermal Resistance (R(JA), 8-Pin MSOP)..........................................................................................206°C/W
† Notice: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device.
This is a stress rating only and functional operation of the device at those or any other conditions above those indicated
in the operational sections of this specification is not intended. Exposure to maximum rating conditions for extended
periods may affect device reliability. Specifications are for packaged product only.
‡ Notice: The device is not guaranteed to function outside its operating ratings.
Note 1: Devices are ESD sensitive. Handling precautions are recommended.
ELECTRICAL CHARACTERISTICS
Electrical Characteristics: VIN = VDD = 3.0V, RSW = 560 kΩ, REL = 1.0 MΩ.TA = 25°C unless otherwise noted. Bold
values indicate –40°C ≤ TA ≤ +85°C.
Parameter
Symbol
Min.
Typ. Max. Units Conditions
On-Resistance of Switching
Transistor
RDS(ON)
3.8
7.0
Ω
ISW = 100 mA, VCS = 75V
Output Voltage Regulation
VCS
75
80
85
V
VDD = 1.8V to 5.5V
73
87
V
Output Peak-to-Peak Voltage
VA-VB
150
160
170
V
VDD = 1.8V to 5.5V
146
174
V
Input Low Voltage (Turn Off)
VEN-L
0.5
V
VDD = 1.8V to 5.5V
Input High Voltage (Turn On)
VEN-H
VDD–0.5
V
VDD = 1.8V to 5.5V
Shutdown Current (Note 2)
ISD
0.01
0.1
µA
RSW = LOW; REL = LOW
VDD = 5.5V
0.5
Input Supply Current
IVDD
21
75
µA
RSW = HIGH; REL = HIGH
VCS = 75V; VA, VB OPEN
Boosted Supply Current
ICS
200
400
µA
RSW = HIGH; REL = HIGH
VCS = 75V; VA, VB OPEN
Input Current Including Inductor
Current
IIN
28
mA VIN = VDD = 1.8V. See (Figure 1-1)
VA - VB Output Drive Frequency
fEL
285
360
435
Hz
Switching Transistor Frequency
fSW
53
66
79
kHz —
Switching Transistor Duty Cycle
D
90
%
Note 1: Specification for packaged product only.
2: Shutdown current is defined as the sum of current going into pin 1, 5, and 6 when the device is disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com