Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L100C6 Datasheet(PDF) 51 Page - STMicroelectronics

Part # STM32L100C6
Description  Ultra-low-power 32-bit MCU ARM®-based Cortex®-M3, 128KB Flash, 10KB SRAM, 2KB EEPROM, LCD, USB, ADC, DAC
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L100C6 Datasheet(HTML) 51 Page - STMicroelectronics

Back Button STM32L100C6 Datasheet HTML 47Page - STMicroelectronics STM32L100C6 Datasheet HTML 48Page - STMicroelectronics STM32L100C6 Datasheet HTML 49Page - STMicroelectronics STM32L100C6 Datasheet HTML 50Page - STMicroelectronics STM32L100C6 Datasheet HTML 51Page - STMicroelectronics STM32L100C6 Datasheet HTML 52Page - STMicroelectronics STM32L100C6 Datasheet HTML 53Page - STMicroelectronics STM32L100C6 Datasheet HTML 54Page - STMicroelectronics STM32L100C6 Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 103 page
background image
DocID024295 Rev 6
51/103
STM32L100C6 STM32L100R8/RB
Electrical characteristics
90
Table 18. Current consumption in Sleep mode
Symbol
Parameter
Conditions
fHCLK
Typ
Max(1)
Unit
55 °C 85 °C
IDD
(Sleep)
Supply
current in
Sleep
mode, Flash
OFF
fHSE = fHCLK up to
16 MHz included,
fHSE = fHCLK/2 above
16 MHz (PLL ON)(2)
Range 3, VCORE=1.2
V VOS[1:0] = 11
1 MHz
80
140
140
µA
2 MHz
150
210
210
4 MHz
280
330
330
Range 2, VCORE=1.5
V VOS[1:0] = 10
4 MHz
280
400
400
8 MHz
450
550
550
16 MHz
900
1050
1050
Range 1, VCORE=1.8
V VOS[1:0] = 01
8 MHz
550
650
650
16 MHz
1050
1200
1200
32 MHz
2300
2500
2500
HSI clock source
(16 MHz)
Range 2, VCORE=1.5
V VOS[1:0] = 10
16 MHz
1000
1100
1100
Range 1, VCORE=1.8
V VOS[1:0] = 01
32 MHz
2300
2500
2500
MSI clock, 65 kHz
Range 3, VCORE=1.2
V VOS[1:0] = 11
65 kHz
30
50
50
MSI clock, 524 kHz
524 kHz
50
70
70
MSI clock, 4.2 MHz
4.2 MHz
200
240
240
Supply
current in
Sleep
mode, Flash
ON
fHSE = fHCLK up to
16 MHz included,
fHSE = fHCLK/2 above
16 MHz (PLL ON)(2)
Range 3, VCORE=1.2
V VOS[1:0] = 11
1 MHz
80
140
140
µA
2 MHz
150
210
210
4 MHz
290
350
350
Range 2, VCORE=1.5
V VOS[1:0] = 10
4 MHz
300
400
400
8 MHz
500
600
600
16 MHz
1000
1100
1100
Range 1, VCORE=1.8
V VOS[1:0] = 01
8 MHz
550
650
650
16 MHz
1050
1200
1200
32 MHz
2300
2500
2500
HSI clock source (16
MHz)
Range 2, VCORE=1.5
V VOS[1:0] = 10
16 MHz
1000
1100
1100
Range 1, VCORE=1.8
V VOS[1:0] = 01
32 MHz
2300
2500
2500
IDD
(Sleep)
Supply
current in
Sleep
mode, Flash
ON
MSI clock, 65 kHz
Range 3, VCORE=1.2V
VOS[1:0] = 11
65 kHz
40
70
70
µA
MSI clock, 524 kHz
524 kHz
60
90
90
MSI clock, 4.2 MHz
4.2 MHz
210
250
250
1. Guaranteed by characterization results, unless otherwise specified.
2. Oscillator bypassed (HSEBYP = 1 in RCC_CR register)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com