Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8L052C6 Datasheet(PDF) 23 Page - STMicroelectronics

Part # STM8L052C6
Description  Value Line, 8-bit ultra-low-power MCU, 32-KB Flash, 256-byte data EEPROM, RTC, LCD, timers, USART, I2C, SPI, ADC
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L052C6 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button STM8L052C6 Datasheet HTML 19Page - STMicroelectronics STM8L052C6 Datasheet HTML 20Page - STMicroelectronics STM8L052C6 Datasheet HTML 21Page - STMicroelectronics STM8L052C6 Datasheet HTML 22Page - STMicroelectronics STM8L052C6 Datasheet HTML 23Page - STMicroelectronics STM8L052C6 Datasheet HTML 24Page - STMicroelectronics STM8L052C6 Datasheet HTML 25Page - STMicroelectronics STM8L052C6 Datasheet HTML 26Page - STMicroelectronics STM8L052C6 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 103 page
background image
DocID023331 Rev 2
23/103
STM8L052C6
Pin description
48
4
Pin description
Figure 3. STM8L052C6 48-pin LQFP48 package pinout (with LCD)
Table 3. Legend/abbreviation for Table 4
Type
I= input, O = output, S = power supply
Level
FT
Five-volt tolerant
TT
3.6 V tolerant
Output
HS = high sink/source (20 mA)
Port and control
configuration
Input
float = floating, wpu = weak pull-up
Output
T = true open drain, OD = open drain, PP = push pull
Reset state
Bold X (pin state after reset release).
Unless otherwise specified, the pin state is the same during the reset phase (i.e.
“under reset”) and after internal reset release (i.e. at reset state).
44 43 42 41 40 39 38 37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
12
13 14 15 16 17 18 19 20 21 22
1
2
3
4
5
6
7
8
9
10
11
48 47 46 45
PA5
VSS1/VSSA/VREF-
NRST/PA1
PA2
PA3
PA4
PA6
PA7
VDD1
VDDA
VREF+
PB1
PB2
PB3
PB4
PB5
PB6
PB7
PF0
PD4
PD5
PD6
PD7
PA0
Table 4. Medium-density value line STM8L052C6pin description
Pin #
Pin name
Input
Output
Default alternate function
2
NRST/PA1(1)
I/O
X
HS
X Reset
PA1
3
PA2/OSC_IN/
[USART1_TX](8)/
[SPI1_MISO] (8)
I/O
XXX
HS
X
X Port A2
HSE oscillator input /
[USART1 transmit] / [SPI1
master in- slave out]
4
PA3/OSC_OUT/[USART1_
RX](8)/[SPI1_MOSI](8)
I/O
XXX
HS
X
X Port A3
HSE oscillator output /
[USART1 receive]/ [SPI1
master out/slave in]/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com