Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC38C45YM Datasheet(PDF) 3 Page - Microchip Technology

Part # MIC38C45YM
Description  BiCMOS Current-Mode PWM Controllers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC38C45YM Datasheet(HTML) 3 Page - Microchip Technology

  MIC38C45YM Datasheet HTML 1Page - Microchip Technology MIC38C45YM Datasheet HTML 2Page - Microchip Technology MIC38C45YM Datasheet HTML 3Page - Microchip Technology MIC38C45YM Datasheet HTML 4Page - Microchip Technology MIC38C45YM Datasheet HTML 5Page - Microchip Technology MIC38C45YM Datasheet HTML 6Page - Microchip Technology MIC38C45YM Datasheet HTML 7Page - Microchip Technology MIC38C45YM Datasheet HTML 8Page - Microchip Technology MIC38C45YM Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
2020 - 2022 Microchip Technology Inc. and its subsidiaries
DS20006436B-page 3
MIC38C42/43/44/45
1.0
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings †
Zener Current (IZ at VDD Pin).................................................................................................................................30 mA
Operation at ≥ 18V may require special precautions. See Note 1.
Supply Voltage (VDD, Note 1)....................................................................................................................................+20V
Switch Supply Voltage (VD).......................................................................................................................................+20V
Current Sense Voltage (VISNS) ................................................................................................................. –0.3V to +5.5V
Feedback Voltage (VFB)............................................................................................................................ –0.3V to +5.5V
Output Current (IOUT).................................................................................................................................................0.5A
† Notice: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device.
This is a stress rating only and functional operation of the device at those or any other conditions above those indicated
in the operational sections of this specification is not intended. Exposure to maximum rating conditions for extended
periods may affect device reliability.
Note 1: On the 8-pin version, 20V is the maximum input on Pin 7 because this is also the supply pin for the output
stage. On the 14-pin version, 40V is the maximum for Pin 12 and 20V is the maximum for Pin 11.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com