Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS3170 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STPS3170
Description  170 V, 3 A power Schottky rectifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS3170 Datasheet(HTML) 3 Page - STMicroelectronics

  STPS3170 Datasheet HTML 1Page - STMicroelectronics STPS3170 Datasheet HTML 2Page - STMicroelectronics STPS3170 Datasheet HTML 3Page - STMicroelectronics STPS3170 Datasheet HTML 4Page - STMicroelectronics STPS3170 Datasheet HTML 5Page - STMicroelectronics STPS3170 Datasheet HTML 6Page - STMicroelectronics STPS3170 Datasheet HTML 7Page - STMicroelectronics STPS3170 Datasheet HTML 8Page - STMicroelectronics STPS3170 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
1.1
Characteristics (curves)
Figure 1. Average forward power dissipation versus
average forward current
0.0
0.5
1.0
1.5
2.0
2.5
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
δ = 0.05
δ = 0.1 δ = 0.2
δ = 0.5
δ = 1
PF(AV)(W)
IF(AV)(A)
360°
α
T
δ= tp/T
tp
Figure 2. Average forward current versus ambient
temperature (δ = 0.5)
0
2
4
6
8
10
12
0
25
50
75
100
125
150
175
Tamb(°C)
360°
α
IF(AV)(A)
T
δ= tp/T
tp
R
th(j-a)
= R
th(j-l)
SMA Flat
SMA Fat Notch
SMB Flat
Figure 3. Relative variation of thermal impedance junction
to lead versus pulse duration
Zth(j-l)/Rth(j-l)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.E-04
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
360°
α
tP(s)
Single pulse
SMA Flat
SMA Flat Notch
Figure 4. Relative variation of thermal impedance junction
to lead versus pulse duration
Zth(j-l)/Rth(j-l)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.E-04
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
360°
α
tP(s)
Single pulse
SMBflat
Figure 5. Reverse leakage current versus reverse voltage
applied (typical values)
IR(µA)
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
1.E+03
1.E+04
0
20
40
60
80
100
120
140
160
180
360°
α
VR(V)
T
j
= 150 °C
T
j
= 125 °C
T
j
= 100 °C
T
j
= 75 °C
T
j
= 50 °C
T
j
= 25 °C
Figure 6. Junction capacitance versus reverse voltage
applied (typical values)
10
100
1000
1
10
100
1000
C(pF)
VR(V)
360°
α
F = 1 MHz
VOSC = 30 mVRMS
T
j
= 25 °C
STPS3170
Characteristics (curves)
DS10645 - Rev 2
page 3/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com