Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2007YML-TR Datasheet(PDF) 13 Page - Microchip Technology

Part # MIC2007YML-TR
Description  Fixed and Adjustable Current Limiting Power Distribution Switches
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2007YML-TR Datasheet(HTML) 13 Page - Microchip Technology

Back Button MIC2007YML-TR Datasheet HTML 9Page - Microchip Technology MIC2007YML-TR Datasheet HTML 10Page - Microchip Technology MIC2007YML-TR Datasheet HTML 11Page - Microchip Technology MIC2007YML-TR Datasheet HTML 12Page - Microchip Technology MIC2007YML-TR Datasheet HTML 13Page - Microchip Technology MIC2007YML-TR Datasheet HTML 14Page - Microchip Technology MIC2007YML-TR Datasheet HTML 15Page - Microchip Technology MIC2007YML-TR Datasheet HTML 16Page - Microchip Technology MIC2007YML-TR Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 38 page
background image
2021 - 2022 Microchip Technology Inc. and its subsidiaries
DS20006486C-page 13
MIC20XX
FIGURE 2-19:
RDS(ON) vs. VIN
(MIC20XXA).
FIGURE 2-20:
RDS(ON) vs. Temperature
(MIC20XXA).
FIGURE 2-21:
Flag Delay vs. Temperature.
FIGURE 2-22:
VDROP vs. Temperature
(MIC20XXA).
FIGURE 2-23:
VDROP vs. Temperature
(MIC20XXA).
FIGURE 2-24:
UVLO Threshold vs.
Temperature.
0
50
100
150
200
250
2.533.544.555.5
VIN (V)
-40°C
25°C
85°C
0
50
100
150
200
250
-40
-15
10
35
60
85
TEMPERATURE (°C)
5.0V
2.5V
3.3V
0
5
10
15
20
25
30
35
40
-40
-15
10
35
60
85
TEMPERATURE (°C)
2.5V
3.3V
5.0V
0
20
40
60
80
100
120
140
160
0
0.1
0.2
0.3
0.4
0.5
0.6
IOUT (A)
-40°C
25°C
85°C
V
IN
= 5.0V
0
20
40
60
80
100
120
140
160
0
0.1
0.2
0.3
0.4
0.5
0.6
IOUT (A)
-40°C
25°C
85°C
V
IN
= 3.3V
2.05
2.1
2.15
2.2
2.25
2.3
-50
0
50
100
150
TEMPERATURE (°C)
V RISING
V FALLING



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com