Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LN513RAM Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # LN513RAM
Description  LN513RAM LN513RKM LN513GAM LN513GKM
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

LN513RAM Datasheet(HTML) 1 Page - Panasonic Semiconductor

  LN513RAM Datasheet HTML 1Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
286
Unit: mm
Lead wire dimension
Red
Green
VF
IF
Max
IR
IO / seg
Red
Red
Green
Green
−
Lighting
Color
1 Digit 8.0 mm (.3”) Series
s Absolute Maximum Ratings (T
a = 25°C)
Lighting Color
Conventional Part No.
Global Prat No.
Lighting Color
LN513RAM ·············· LNM213AM01B ······ Red
LN513RKM ·············· LNM213KM01B ······ Red
LN513GAM ·············· LNM313AM01 ········· Green
LN513GKM ·············· LNM313KM01 ········· Green
★ IFPの条件は,duty 10%,Pulse width 1 msec. The condition of IFP is duty 10%, Pulse width 1 msec
Numeric Display
LN513RAM
LN513RKM
LN513GAM
LN513GKM
Unit
Anode
Cathode
Anode
Cathode
−
µcd
µcd
µcd
mA
V
V
nm
nm
mA
µAV
s Electro
−Optical Characteristics (T
a = 25°C)
Conventional
Part No.
Common
Typ
Typ
Max
Typ
Typ
IF
VR
λ
P
∆λ
PD(mW)
IF(mA)
IFP(mA)∗
VR(V)
Topr(°C)
Tstg(°C)
40
40
15
15
80
80
5
5
−25 ∼ +80
−25 ∼ +80
−30 ∼ +85
−30 ∼ +85
Min
Typ
IO /d.p
200
200
1000
1000
70
70
300
300
70
70
300
300
5
5
10
10
2.1
2.1
2.1
2.1
2.8
2.8
2.8
2.8
700
700
565
565
100
100
30
30
10
10
10
10
10
10
10
10
5
5
5
5
Terminal Connection
Pin
No.
Assignment
1
Cathode a
Assignment
Anode a
2
3
4
5
6
7
8
9
10
Cathode f
Anode f
Cathode g
Anode g
Cathode e
Anode e
Cathode d
Anode d
Cathode dp
Cathode dp
Anode dp
Anode dp
Cathode c
Anode c
Common Anode
Common Cathode
Cathode b
Anode b
1.6
1.8
2.0
2.4
2.2
100
50
30
5
3
10
1
Forward Current
Ambient Temperature
IF VF
0
0
20
10
5
15
20
25
40
60
80
100
IF Ta
Forward Voltage
3
1
5
10
50
100
30
10000
5000
3000
500
300
1000
100
IO IF
LN513RAM
LN513RKM
LN513RAM
LN513RKM
5.0
± 0.3
*5.3
± 0.38
7.0
± 0.3
3.5 Min.
2.5
φ 1.0
4.0
10
°
0.3
e
f
dp
c
d
b
g
6
7
8
9
10
a
4
5
3
2
1


Similar Part No. - LN513RAM

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
LN513RA PANASONIC-LN513RA Datasheet
21Kb / 1P
Numeric Display
LN513RAS PANASONIC-LN513RAS Datasheet
21Kb / 1P
Numeric Display
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com