Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L50QS080 Datasheet(PDF) 4 Page - Littelfuse

Part # L50QS080
Description  L50QS SERIES HIGH-SPEED ROUND BODY FUSES
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

L50QS080 Datasheet(HTML) 4 Page - Littelfuse

  L50QS080 Datasheet HTML 1Page - Littelfuse L50QS080 Datasheet HTML 2Page - Littelfuse L50QS080 Datasheet HTML 3Page - Littelfuse L50QS080 Datasheet HTML 4Page - Littelfuse L50QS080 Datasheet HTML 5Page - Littelfuse L50QS080 Datasheet HTML 6Page - Littelfuse L50QS080 Datasheet HTML 7Page - Littelfuse L50QS080 Datasheet HTML 8Page - Littelfuse L50QS080 Datasheet HTML 9Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
littelfuse.com
© 2017 Littelfuse POWR-GARD® Products
Rev: 110317
4 of 12
POWR-SPEED™ Fuse Datasheet
L50QS SERIES HIGH-SPEED ROUND BODY FUSES
Dimensions
Millimeters [inches]
Document Number: OL-L50QS000
3.18
[0.125]
25.40
[1.000]
17.02
[0.670]
92.08
[3.625]
53.98
[2.125]
76.19
[2.999]
65.07
[2.562]
8.73
[0.344]
35-100A
4.75
[0.187]
30.94
[1.218]
22.73
[0.895]
92.08
[3.625]
73.86
[2.908]
70.32
[2.768]
53.98
[2.125]
8.74
[0.344]
125-200A
6.35
[0.250]
38.10
[1.500]
25.27
[0.995]
110.31
[4.343]
87.37
[3.440]
69.83
[2.749]
53.16
[2.093]
10.41
[0.410]
225-400A
6.35
[0.250]
50.80
[2.000]
113.49
[4.468]
92.82
[3.654]
70.86
[2.790]
56.34
[2.218]
10.41
[0.410]
38.10
[1.500]
450-600A
9.53
[0.375]
63.50
[2.500]
50.80
[2.000]
157.15
[6.187]
126.93
[4.997]
87.30
[3.437]
56.34
[2.218]
13.46
[0.530]
700-800A
∅
∅
∅
∅
∅
Stud Size: M8 (5/16”)
Recommended Torque: 15 Nm (132.76 in-lb)
Stud Size: M8 (5/16”)
Recommended Torque: 15 Nm (132.76 in-lb)
Stud Size: M8 (5/16”)
Recommended Torque: 15 Nm (132.76 in-lb)
Stud Size: M8 (5/16”)
Recommended Torque: 15 Nm (132.76 in-lb)
Stud Size: M12 (1/2”)
Recommended Torque: 54 Nm (477.94 in-lb)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com