Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPBC22 Datasheet(PDF) 4 Page - Littelfuse

Part # LPBC22
Description  Distribution Blocks ??Splicer Blocks ??Covers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

LPBC22 Datasheet(HTML) 4 Page - Littelfuse

  LPBC22 Datasheet HTML 1Page - Littelfuse LPBC22 Datasheet HTML 2Page - Littelfuse LPBC22 Datasheet HTML 3Page - Littelfuse LPBC22 Datasheet HTML 4Page - Littelfuse LPBC22 Datasheet HTML 5Page - Littelfuse LPBC22 Datasheet HTML 6Page - Littelfuse LPBC22 Datasheet HTML 7Page - Littelfuse LPBC22 Datasheet HTML 8Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Littelfuse.com
© 2020 Littelfuse, Inc.
Rev: 2-B-051820
4 of 8
POWR-GARD® Blocks and Holders Datasheet
POWR-BLOKS
Splicer Block Selection Guide
AMP
PER
POLE
LINE CONNECTION
LOAD CONNECTION
CATALOG/
ORDERING
NUMBER
*PLASTIC
COVER
ORDERING
NUMBER
CONNECTOR
IMAGE
LUG TYPE
WIRE
RANGE
TORQUE
RANGE
CONNECTOR
IMAGE
LUG TYPE WIRE RANGE
TORQUE
RANGE
115
1
AL
1
Slotted
#2 - #14
35-50 in-lbs
1
Slotted
#2 - #14
35-50 in-lbs 10
0LS13301Z
LPBC1441
115
2
1
Slotted
#2 - #14
35-50 in-lbs
1
Slotted
#2 - #14
35-50 in-lbs 10
0LS13302Z
LPBC1442
115
3
1 5/32" Hex
#2 - #14
40-50 in-lbs
1
5/32" Hex
#2 - #14
40-50 in-lbs 2
LFS13003Z
-
115
4
1
Slotted
#2 - #14
35-50 in-lbs
1
Slotted
#2 - #14
35-50 in-lbs 10
0LS13304Z
LPBC1444
115
1
AL
1
Slotted
#2 - #14
35-50 in-lbs
1
Slotted
#2 - #14
35-50 in-lbs 3
0LS25521Z
LPBC21
115
2
1
Slotted
#2 - #14
35-50 in-lbs
1
Slotted
#2 - #14
35-50 in-lbs 3
0LS25522Z
LPBC22
115
3
1
Slotted
#2 - #14
35-50 in-lbs
1
Slotted
#2 - #14
35-50 in-lbs 3
0LS25523Z
LPBC23
150
1
CU
1
3/16" Hex
1/0 - #14 35-120 in-lbs
1
3/16" Hex
1/0 - #14 35-120 in-lbs 3
0LS21211Z
LPBC21
150
2
1
3/16" Hex
1/0 - #14 35-120 in-lbs
1
3/16" Hex
1/0 - #14 35-120 in-lbs 3
0LS21212Z
LPBC22
150
3
1
3/16" Hex
1/0 - #14 35-120 in-lbs
1
3/16" Hex
1/0 - #14 35-120 in-lbs 3
0LS21213Z
LPBC23
175
1
AL
1
5/16" Hex
2/0 - #14 35-120 in-lbs
1
5/16" Hex
2/0 - #14 35-120 in-lbs 3
0LS25721Z
LPBC21
175
2
1
5/16" Hex
2/0 - #14 35-120 in-lbs
1
5/16" Hex
2/0 - #14 35-120 in-lbs 3
0LS25722Z
LPBC22
175
3
1
3/16" Hex
2/0 - #14 40-120 in-lbs
1
3/16" Hex
2/0 - #14 40-120 in-lbs 3
LFS25723Z
LPBC23
175
1
AL
1
5/16" Hex
2/0 - #14 35-120 in-lbs
1
5/16" Hex
2/0 - #14 35-120 in-lbs 4 0LS25721ZXDIN 0LCH1321Z
175
2
1
5/16" Hex
2/0 - #14 35-120 in-lbs
1
5/16" Hex
2/0 - #14 35-120 in-lbs 4 0LS25722ZXDIN 0LCH1322Z
175
3
1
5/16" Hex
2/0 - #14 35-120 in-lbs
1
5/16" Hex
2/0 - #14 35-120 in-lbs 4 0LS25723ZXDIN 0LCH1323Z
175 Adder
1
–
2/0 - #14 35-120 in-lbs
1
–
2/0 - #14 35-120 in-lbs 4 0LS2572AZXDIN
-
175
1
CU
1
5/16" Hex
2/0 - #14 35-120 in-lbs
1
5/16" Hex
2/0 - #14 35-120 in-lbs 4 0LS29721ZXDIN 0LCH1321Z
175
2
1
5/16" Hex
2/0 - #14 35-120 in-lbs
1
5/16" Hex
2/0 - #14 35-120 in-lbs 4 0LS29722ZXDIN 0LCH1322Z
175
3
1
5/16" Hex
2/0 - #14 35-120 in-lbs
1
5/16" Hex
2/0 - #14 35-120 in-lbs 4 0LS29723ZXDIN 0LCH1323Z
175 Adder
1
–
2/0 - #14 35-120 in-lbs
1
–
2/0 - #14 35-120 in-lbs 4 0LS2972AZXDIN
-
255
1
AL
1
5/16" Hex 250kcmil - #6 275 in-lbs
1
5/16" Hex 250kcmil - #6 275 in-lbs
5
0LS31231Z
LPBC31
255
2
1
5/16" Hex 250kcmil - #6 275 in-lbs
1
5/16" Hex 250kcmil - #6 275 in-lbs
5
0LS31232Z
LPBC32
255
3
1
5/16" Hex 250kcmil - #6 275 in-lbs
1
5/16" Hex 250kcmil - #6 275 in-lbs
5
0LS31233Z
LPBC33
255
1
CU
1
3/8" Hex 250kcmil - #6 375 in-lbs
1
3/8" Hex 250kcmil - #6 375 in-lbs
5
0LS31241Z
LPBC31
255
2
1
3/8" Hex 250kcmil - #6 375 in-lbs
1
3/8" Hex 250kcmil - #6 375 in-lbs
5
0LS31242Z
LPBC32
255
3
1
3/8" Hex 250kcmil - #6 375 in-lbs
1
3/8" Hex 250kcmil - #6 375 in-lbs
5
0LS31243Z
LPBC33
310
2
AL
1
5/16" Hex 350kcmil - #6 275 in-lbs
1
5/16" Hex 350kcmil - #6 275 in-lbs
1
0LS03032Z
LPBC02
310
3
1
5/16" Hex 350kcmil - #6 275 in-lbs
1
5/16" Hex 350kcmil - #6 275 in-lbs
1
0LS03033Z
LPBC03
310
1
AL
1
5/16" Hex 350kcmil - #6 275 in-lbs
1
5/16" Hex 350kcmil - #6 275 in-lbs
5
0LS31261Z
LPBC31
310
2
1
5/16" Hex 350kcmil - #6 275 in-lbs
1
5/16" Hex 350kcmil - #6 275 in-lbs
5
0LS31262Z
LPBC32
310
3
1
5/16" Hex 350kcmil - #6 275 in-lbs
1
5/16" Hex 350kcmil - #6 275 in-lbs
5
0LS31263Z
LPBC33
350
3
AL
2
5/16" Hex
2/0 - #14 35-120 in-lbs
2
5/16" Hex
2/0 - #14 35-120 in-lbs 9
0LS33053Z
0LCH1333Z
420
1
AL
1
1/2" Hex 600kcmil - #4 500 in-lbs
1
1/2" Hex 600kcmil - #4 500 in-lbs
6
0LS45571Z
LPBC41
420
2
1
1/2" Hex 600kcmil - #4 500 in-lbs
1
1/2" Hex 600kcmil - #4 500 in-lbs
6
0LS45572Z
LPBC42
420
3
1
1/2" Hex 600kcmil - #4 500 in-lbs
1
1/2" Hex 600kcmil - #4 500 in-lbs
6
0LS45573Z
LPBC43
510
3
AL
2
5/16" Hex 250kcmil - #6 275 in-lbs
2
5/16" Hex 250kcmil - #6 275 in-lbs
9
0LS33203Z
0LCH1333Z
620
1
AL
2
5/16" Hex 350kcmil - #4 275 in-lbs
2
5/16" Hex 350kcmil - #4 275 in-lbs
7
0LS51291Z
LPBC51
620
2
2
5/16" Hex 350kcmil - #4 275 in-lbs
2
5/16" Hex 350kcmil - #4 275 in-lbs
7
0LS51292Z
LPBC52
620
3
2
5/16" Hex 350kcmil - #4 275 in-lbs
2
5/16" Hex 350kcmil - #4 275 in-lbs
7
0LS51293Z
LPBC53
760
1
AL
2
3/8" Hex 500kcmil - #4 375 in-lbs
2
3/8" Hex 500kcmil - #4 375 in-lbs
7
0LS53011Z
LPBC51
760
2
2
3/8" Hex 500kcmil - #4 375 in-lbs
2
3/8" Hex 500kcmil - #4 375 in-lbs
7
0LS53012Z
LPBC52
760
3
2
3/8" Hex 500kcmil - #4 375 in-lbs
2
3/8" Hex 500kcmil - #4 375 in-lbs
7
0LS53013Z
LPBC53
Note: AL = Aluminum / CU = Copper
Note: *Covers sold separately



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com