Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPBC23 Datasheet(PDF) 3 Page - Littelfuse

Part # LPBC23
Description  Distribution Blocks ??Splicer Blocks ??Covers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

LPBC23 Datasheet(HTML) 3 Page - Littelfuse

  LPBC23 Datasheet HTML 1Page - Littelfuse LPBC23 Datasheet HTML 2Page - Littelfuse LPBC23 Datasheet HTML 3Page - Littelfuse LPBC23 Datasheet HTML 4Page - Littelfuse LPBC23 Datasheet HTML 5Page - Littelfuse LPBC23 Datasheet HTML 6Page - Littelfuse LPBC23 Datasheet HTML 7Page - Littelfuse LPBC23 Datasheet HTML 8Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Littelfuse.com
© 2020 Littelfuse, Inc.
Rev: 2-B-051820
3 of 8
POWR-GARD® Blocks and Holders Datasheet
POWR-BLOKS
AMP
PER
POLE
LINE CONNECTION
LOAD CONNECTION
CATALOG/
ORDERING
NUMBER
*PLASTIC
COVER
ORDERING
NUMBER
CONNECTOR
IMAGE
LUG TYPE
WIRE
RANGE
TORQUE
RANGE
CONNECTOR
IMAGE
LUG TYPE
WIRE
RANGE
TORQUE
RANGE
380
1
AL
1
3/8" Hex 500kcmil - #4 375 in-lbs
6 5/16" Hex
2/0 - #14
35-120 in-lbs 7
0LD55791Z
LPBC51
380
2
1
3/8" Hex 500kcmil - #4 375 in-lbs
6 5/16" Hex
2/0 - #14
35-120 in-lbs 7
0LD55792Z
LPBC52
380
3
1
3/8" Hex 500kcmil - #4 375 in-lbs
6 5/16" Hex
2/0 - #14
35-120 in-lbs 7
LFD55793Z
LPBC53
380
1
AL
1
3/8" Hex 500kcmil- #4
375 in-lbs
8 5/32" Hex
#2 - #14
35-50 in-lbs 7
0LD55941Z
LPBC51
380
2
1
3/8" Hex 500kcmil- #4
375 in-lbs
8 5/32" Hex
#2 - #14
35-50 in-lbs 7
0LD55942Z
LPBC52
380
3
1
3/8" Hex 500kcmil- #4
375 in-lbs
8 5/32" Hex
#2 - #14
35-50 in-lbs 7
0LD55943Z
LPBC53
380
1
AL
1
Slotted 500kcmil - #4 375 in-lbs
12
Slotted
#2 - #14
35-50 in-lbs 7 0LD55521Z**
LPBC51
380
2
1
Slotted 500kcmil - #4 375 in-lbs
12
Slotted
#2 - #14
35-50 in-lbs 7 0LD55522Z**
LPBC52
380
3
1
3/8" Hex 500kcmil - #4 375 in-lbs
12 5/32" Hex
#2 - #14
40-50 in-lbs 7
LFD55523Z
LPBC53
420
1
AL
1
1/2" Hex 600kcmil- #2
375 in-lbs
3 3/16" Hex
1/0 - #14
35-120 in-lbs 9 0LD35881Z 0LCH1331Z
6 5/32" Hex
#2 - #14
35-50 in-lbs
420
3
AL
1
1/2" Hex 600kcmil- #2
375 in-lbs
3 3/16" Hex
1/0 - #14
35-120 in-lbs 9 0LD35883Z 0LCH1333Z
6 5/32" Hex
#2 - #14
35-50 in-lbs
420
1
AL
1
1/2" Hex 600kcmil- #2
375 in-lbs
12 1/8" Hex
#4 - #14
35 in-lbs
9
0LD35951Z 0LCH1331Z
420
2
1
1/2" Hex 600kcmil- #2
375 in-lbs
12 1/8" Hex
#4 - #14
35 in-lbs
9
0LD35952Z 0LCH1332Z
510
1
AL
2
5/16" Hex 250kcmil - #6 275 in-lbs
12 1/8" Hex
#4 - #14
35 in-lbs
9 0LD35961Z** 0LCH1331Z
510
2
2
5/16" Hex 250kcmil - #6 275 in-lbs
12 1/8" Hex
#4 - #14
35 in-lbs
9 0LD35962Z** 0LCH1332Z
510
3
2
5/16" Hex 250kcmil - #6 275 in-lbs
12 1/8" Hex
#4 - #14
35 in-lbs
9 0LD35963Z** 0LCH1333Z
760
1
AL
2
3/8" Hex 500kcmil - #6 375 in-lbs
8 5/16" Hex
2/0 - #14
35-120 in-lbs 7
0LD55861Z
LPBC51
760
2
2
3/8" Hex 500kcmil - #6 375 in-lbs
8 5/16" Hex
2/0 - #14
35-120 in-lbs 7
0LD55862Z
LPBC52
760
3
2
3/8" Hex 500kcmil - #4 375 in-lbs
8 3/16" Hex
2/0 - #14
40-120 in-lbs 7
LFD55863Z
LPBC53
760
1
CU
2
3/8" Hex 500kcmil- #4
375 in-lbs
8 3/16" Hex
2⁄0 - #14
35-120 in-lbs 7
0LD59861Z
LPBC51
760
2
2
3/8" Hex 500kcmil- #4
375 in-lbs
8 3/16" Hex
2⁄0 - #14
35-120 in-lbs 7
0LD59862Z
LPBC52
760
3
2
3/8" Hex 500kcmil- #4
375 in-lbs
8 3/16" Hex
2⁄0 - #14
35-120 in-lbs 7
0LD59863Z
LPBC53
760
1
AL
2
3/8" Hex 500kcmil- #6
375 in-lbs
12
Slotted
#4 - #14
35 in-lbs
7 0LD55921Z**
LPBC51
760
2
2
3/8" Hex 500kcmil- #6
375 in-lbs
12
Slotted
#4 - #14
35 in-lbs
7 0LD55922Z**
LPBC52
760
3
2
3/8" Hex 500kcmil- #4
375 in-lbs
12 1/8" Hex
#4 - #14
35 in-lbs
7
LFD55923Z
LPBC53
760
1
CU
2
3/8" Hex 500kcmil- #6
375 in-lbs
12
Slotted
#2 - #14
35-50 in-lbs 7 0LD59921Z**
LPBC51
760
2
2
3/8" Hex 500kcmil- #6
375 in-lbs
12
Slotted
#2 - #14
35-50 in-lbs 7 0LD59922Z**
LPBC52
760
3
2
3/8" Hex 500kcmil- #6
375 in-lbs
12
Slotted
#2 - #14
35-50 in-lbs 7 0LD59923Z**
LPBC53
760
3
AL
2
1/2" Hex 500kcmil - #4 375 in-lbs
12 5/16" Hex
#2 - #14
35-50 in-lbs 7
0LD54083Z
LPBC53
840
3
AL
2
1/2" Hex 600kcmil- #2
375 in-lbs
4 5/16" Hex
3/0 - #6
120 in-lbs
7
0LD54113Z
LPBC53
4 5/16" Hex
#4 - #14
35 in-lbs
950
1
AL
2
9/16" Hex 750kcmil - 1/0 600 in-lbs
10 3/16" Hex
2/0 - #14
50-120 in-lbs 8
0LD57041Z 0LCH1351Z
950
3
AL
2
9/16" Hex 750kcmil - 1/0 600 in-lbs
10 3/16" Hex
2/0 - #14
50-120 in-lbs 8
0LD57043Z 0LCH1351Z
950
1
AL
2
9/16" Hex 750kcmil - 1/0 600 in-lbs
3 5/16" Hex 250kcmil - #6 275 in-lbs
8
0LD57051Z 0LCH1351Z
12 5/32" Hex
#2 - #14
40-50 in-lbs
950
3
AL
2
9/16" Hex 750kcmil - 1/0 600 in-lbs
3 5/16" Hex 250kcmil - #6 275 in-lbs
8
0LD57053Z 0LCH1351Z
12 5/32" Hex
#2 - #14
40-50 in-lbs
950
1
AL
2
9/16" Hex 750kcmil - 1/0 600 in-lbs
4
1/4" Hex
3/0 - #6
180 in-lbs
8
0LD57071Z 0LCH1351Z
12 5/32" Hex
#2 - #14
40-50 in-lbs
950
3
AL
2
9/16" Hex 750kcmil - 1/0 600 in-lbs
4
1/4" Hex
3/0 - #6
180 in-lbs
8
0LD57073Z 0LCH1351Z
12 5/32" Hex
#2 - #14
40-50 in-lbs
Note: AL = Aluminum / CU = Copper
*Covers sold separately
**Multiple wire rated on load side. Contact factory for additional information.
Distribution Block Selection Guide



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com