Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF830ASTRLPBFA Datasheet(PDF) 7 Page - Vishay Siliconix

Part # IRF830ASTRLPBFA
Description  Power MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IRF830ASTRLPBFA Datasheet(HTML) 7 Page - Vishay Siliconix

Back Button IRF830ASTRLPBFA Datasheet HTML 2Page - Vishay Siliconix IRF830ASTRLPBFA Datasheet HTML 3Page - Vishay Siliconix IRF830ASTRLPBFA Datasheet HTML 4Page - Vishay Siliconix IRF830ASTRLPBFA Datasheet HTML 5Page - Vishay Siliconix IRF830ASTRLPBFA Datasheet HTML 6Page - Vishay Siliconix IRF830ASTRLPBFA Datasheet HTML 7Page - Vishay Siliconix IRF830ASTRLPBFA Datasheet HTML 8Page - Vishay Siliconix IRF830ASTRLPBFA Datasheet HTML 9Page - Vishay Siliconix IRF830ASTRLPBFA Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Document Number: 91364
www.vishay.com
Revision: 15-Sep-08
1
Package Information
Vishay Siliconix
TO-263AB (HIGH VOLTAGE)
Notes
1. Dimensioning and tolerancing per ASME Y14.5M-1994.
2. Dimensions are shown in millimeters (inches).
3. Dimension D and E do not include mold flash. Mold flash shall not exceed 0.127 mm (0.005") per side. These dimensions are measured at the
outmost extremes of the plastic body at datum A.
4. Thermal PAD contour optional within dimension E, L1, D1 and E1.
5. Dimension b1 and c1 apply to base metal only.
6. Datum A and B to be determined at datum plane H.
7. Outline conforms to JEDEC outline to TO-263AB.
5
4
1
3
L1
L2
D
B
B
E
H
B
A
Detail A
A
A
c
c2
A
2 x e
2 x b2
2 x b
0.010
A
B
MM
± 0.004
B
M
Base
metal
Plating
b1, b3
(b, b2)
c1
(c)
Section B - B and C - C
Scale: none
Lead tip
4
34
(Datum A)
2
C
C
B
B
5
5
View A - A
E1
D1
E
4
4
B
H
Seating plane
Gauge
plane
0° to 8°
Detail “A”
Rotated 90° CW
scale 8:1
L3
A1
L4
L
MILLIMETERS
INCHES
MILLIMETERS
INCHES
DIM.
MIN.
MAX.
MIN.
MAX.
DIM.
MIN.
MAX.
MIN.
MAX.
A
4.06
4.83
0.160
0.190
D1
6.86
-
0.270
-
A1
0.00
0.25
0.000
0.010
E
9.65
10.67
0.380
0.420
b
0.51
0.99
0.020
0.039
E1
6.22
-
0.245
-
b1
0.51
0.89
0.020
0.035
e
2.54 BSC
0.100 BSC
b2
1.14
1.78
0.045
0.070
H
14.61
15.88
0.575
0.625
b3
1.14
1.73
0.045
0.068
L
1.78
2.79
0.070
0.110
c
0.38
0.74
0.015
0.029
L1
-
1.65
-
0.066
c1
0.38
0.58
0.015
0.023
L2
-
1.78
-
0.070
c2
1.14
1.65
0.045
0.065
L3
0.25 BSC
0.010 BSC
D
8.38
9.65
0.330
0.380
L4
4.78
5.28
0.188
0.208
ECN: S-82110-Rev. A, 15-Sep-08
DWG: 5970



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com