Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CUSP-R80-18-2400-TH Datasheet(PDF) 4 Page - CUI INC

Part # CUSP-R80-18-2400-TH
Description  ULTRASONIC SENSOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

CUSP-R80-18-2400-TH Datasheet(HTML) 4 Page - CUI INC

  CUSP-R80-18-2400-TH Datasheet HTML 1Page - CUI INC CUSP-R80-18-2400-TH Datasheet HTML 2Page - CUI INC CUSP-R80-18-2400-TH Datasheet HTML 3Page - CUI INC CUSP-R80-18-2400-TH Datasheet HTML 4Page - CUI INC CUSP-R80-18-2400-TH Datasheet HTML 5Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
date 12/02/2020
│ page 4 of 5
CUI Devices
│ MODEL: CUSP-R80-18-2400-TH │ DESCRIPTION: ULTRASONIC SENSOR
cuidevices.com
PACKAGING
units: mm
Tray Size: 240 x 160 x 30 mm
Tray QTY: 50 pcs per tray
Carton Size: 480 x 280 x 320 mm
Carton QTY: 2,000 pcs per carton
Additional Resources: Product Page | PCB Footprint



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com