Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3HDMI413 Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PI3HDMI413
Description  4-Differential Channel, 3:1 Mux/DeMux, DVI/HDMI Compliant Signal Switch based on TMDS Signaling Standard
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3HDMI413 Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI3HDMI413 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3HDMI413 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3HDMI413 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3HDMI413 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3HDMI413 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3HDMI413 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3HDMI413 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3HDMI413 Datasheet HTML 8Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
PS8796
11/14/05
PI3HDMI413
4-Differential Channel, 3:1 Mux/DeMux, DVI/HDMI
Compliant Signal Switch based on TMDS Signaling Standard
Truth Table for X=[0,3]
S2
S1
Function
0
0
Ax = xB1
0
1
Ax = xB2
1
0
Ax = xB3
1
1
Ax = Hi-Z
Storage Temperature ...................................................–65°C to +150°C
Supply Voltage to VSS Potential......................................–0.5V to +2.5V
DC Input Voltage ..................................................................VSS to VDD
DC Output Current ...................................................................... 120mA
Power Dissipation .......................................................................... 0.5W
Note:
Stresses greater than those listed under MAXIMUM RATINGS
maycausepermanentdamagetothedevice.Thisisastressrating
only and functional operation of the device at these or any other
conditions above those indicated in the operational sections of
this specification is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect reliability.
Maximum Ratings
(Above which useful life may be impaired. For user guidelines, not tested.)
DC Electrical Characteristics for Switching over Operating Range (TA = –40°C to +85°C)
Paramenter
Description
Test Conditions(1)
Min.
Typ.(2)
Max.
Units
VIH(3)
Input HIGH Voltage
Guaranteed HIGH level 0.65(VDD-VSS)+VSS
V
VIL(3)
Input LOW Voltage
Guaranteed LOW level
–0.5+VSS
0.35(VDD-VSS)+VSS
VIK
Clamp Diode Voltage VDD=Max., IIN=–18mA
–0.7+VSS
–1.2+VSS
IIH
Input HIGH Current
VDD=Max., VIN=VDD
±5
µA
IIL
Input LOW Current
VDD=Max., VIN=VSS
±5
Notes:
1. For Max. or Min. conditions, use appropriate value specified under Electrical Characteristics for the applicable device type.
2. Typical values are at TA = 25°C ambient and maximum loading.
3. VIH + VIL are for SEL input only.
Pin Description
Pin #
Pin
Name
Description
2,8,13,15,16,18,21,26,
31,33,40,53,64
VDD
+ Power supply 3.30
1,3,4,5,14,17,27,28,29,
30,32,34,35,54,63
VSS
- Power supply
6,7,19,20
Sx
Select pin, see truth
table
9,10,11,12,22-25,36-
39,41-52,55-62
xBy &
Ax
Differential data
signals
DC Power Supply Characteristics
Paramenter
Description
Min.
Max.
Units
VDD
Positive Power Supply
3.0
3.6
V
VSS
Negative Power Supply
1.5
1.6
V
Truth Table for X=[4,7]
S4
S3
Function
0
0
Ax = xB1
0
1
Ax = xB2
1
0
Ax = xB3
1
1
Ax = Hi-Z



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com