Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC572L64E3 Datasheet(PDF) 21 Page - STMicroelectronics

Part # SPC572L64E3
Description  32-bit Power Architecture® based MCU for automotive powertrain applications
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC572L64E3 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button SPC572L64E3 Datasheet HTML 17Page - STMicroelectronics SPC572L64E3 Datasheet HTML 18Page - STMicroelectronics SPC572L64E3 Datasheet HTML 19Page - STMicroelectronics SPC572L64E3 Datasheet HTML 20Page - STMicroelectronics SPC572L64E3 Datasheet HTML 21Page - STMicroelectronics SPC572L64E3 Datasheet HTML 22Page - STMicroelectronics SPC572L64E3 Datasheet HTML 23Page - STMicroelectronics SPC572L64E3 Datasheet HTML 24Page - STMicroelectronics SPC572L64E3 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 112 page
background image
DocID027866 Rev 5
21/112
SPC572Lx
Electrical characteristics
111
Table 9. Device operating conditions(1)
Symbol
C
Parameter
Conditions
Value
Unit
Min
Typ
Max
Frequency
fSYS
CC C Device operating
frequency(2)
TJ −40 °C to 150 °C
—
—
80
MHz
Temperature
TJ
SR P Operating
temperature range -
junction
—
–40.0
—
150.0
°C
TA (TL to TH)
SR P Ambient operating
temperature range
—
–40.0
—
125.0
°C
Voltage
VDD_LV
CC P Core supply voltage
measured at external
pin(3)(4)
Refer to Section 3.15: Power management: PMC,
POR/LVD, sequencing
V
VDD_HV_IO_MAIN(5) SR P I/O supply voltage
LVD400 enabled(6)
4.5
—
5.5
V
C
LVD400 disabled (6),
(7),(8),(9)
4.0
—
5.9
C
3.0
—
5.9
VDD_HV_IO_JTAG SR P JTAG I/O supply
voltage(10)
5 V range
4.5
—
5.5
V
C
3.3 V range
3.0
—
3.6
C
5 V range
4.0
—
5.9
VDD_HV_IO_ETH SR P Ethernet I/O supply
voltage
5 V range
4.5
—
5.5
V
C
3.3 V range
3.0
—
3.6
VDD_HV_FLA(11),(12) CC P Flash core voltage
—
3.0
—
5.5
V
VDD_HV_ADV
SR P SARADC and
SDADC supply
voltage
LVD295/ enabled
4.5
—
5.5
V
C
LVD400
disabled(10),(7),(8)
4.0
—
5.9
C
LVD295/
disabled(7),(8)
3.7
—
5.9
VDD_HV_ADR
SR P SAR and S/D ADC
reference
—
4.5
—
5.5
V
C
4.0
—
5.9
C
2.0
—
4.0
VDD_HV_ADR –
VDD_HV_ADV
SR D SAR and S/D ADC
reference voltage
——
—
25
mV
VSS_HV_ADR
SR P SD ADC ground
reference voltage
—VSS_HV_ADV
V
VRAMP_HV
SR D Slew rate on HV
power supply pins
——
—
100
V/ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com