Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC582BX Datasheet(PDF) 101 Page - STMicroelectronics

Part # SPC582BX
Description  SPC58 2B Line - 32 bit Power Architecture automotive MCU Single core 80Mhz, 1MByte Flash, ASIL-B
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC582BX Datasheet(HTML) 101 Page - STMicroelectronics

Back Button SPC582BX Datasheet HTML 97Page - STMicroelectronics SPC582BX Datasheet HTML 98Page - STMicroelectronics SPC582BX Datasheet HTML 99Page - STMicroelectronics SPC582BX Datasheet HTML 100Page - STMicroelectronics SPC582BX Datasheet HTML 101Page - STMicroelectronics SPC582BX Datasheet HTML 102Page - STMicroelectronics SPC582BX Datasheet HTML 103Page - STMicroelectronics SPC582BX Datasheet HTML 104Page - STMicroelectronics SPC582BX Datasheet HTML 105Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 115 page
background image
DS11597 Rev 4
101/115
SPC582Bx
Package information
103
5.5.3
QFN48
5.5.4
General notes for specifications at maximum junction temperature
An estimation of the chip junction temperature, TJ, can be obtained from the equation:
Equation 1
TJ = TA + (RθJA * PD)
where:
TA = ambient temperature for the package (°C)
RθJA = junction-to-ambient thermal resistance (°C/W)
PD = power dissipation in the package (W)
The thermal resistance values used are based on the JEDEC JESD51 series of standards
to provide consistent values for estimations and comparisons. The differences between the
values determined for the single-layer (1s) board compared to a four-layer board that has
two signal layers, a power and a ground plane (2s2p), demonstrate that the effective
thermal resistance is not a constant. The thermal resistance depends on the:
•
Construction of the application board (number of planes)
•
Effective size of the board which cools the component
•
Quality of the thermal and electrical connections to the planes
•
Power dissipated by adjacent components
6. Thermal characterization parameter indicating the temperature difference between package top and the junction
temperature per JEDEC JESD51-2.
Table 56. Thermal characteristics for QFN48 package
Symbol
C
Parameter(1)
Conditions
Value(2)
Unit
RθJA
CC
D Junction-to-Ambient, Natural Convection(3) Four layer board (2s2p)
43.9
°C/W
RθJB
CC
D
Junction-to-board(4)
—28.8
°C/W
RθJCtop
CC
D
Junction-to-case top(5)
—28.9
°C/W
RθJCbottom CC D
Junction-to-case bottom(6)
—22.5
°C/W
ΨJT
CC
D
Junction-to-package top(7)
Natural convection
11.5
°C/W
1. Junction temperature is a function of die size, on-chip power dissipation, package thermal resistance, mounting site (board)
temperature, ambient temperature, air flow, power dissipation of other components on the board, and board thermal
resistance.
2. These values are preliminary, therefore they are subject to change.
3. Per JEDEC JESD51 with the board (JESD51-7) horizontal.
4. Thermal resistance between the die and the printed circuit board per JEDEC JESD51-8. Board temperature is measured
on the top surface of the board near the package.
5. Thermal resistance between the die and the top case surface in ideal contact and measured by cold plate as per JEDEC
best practice guidelines (JESD51-12).
6. Thermal resistance between the die and the bottom case surface in ideal contact and measured by cold plate as per
JEDEC best practice guidelines (JESD51-12).
7. Thermal characterization parameter indicating the temperature difference between package top and the junction
temperature per JEDEC JESD51-2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com