Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC582BX Datasheet(PDF) 104 Page - STMicroelectronics

Part # SPC582BX
Description  SPC58 2B Line - 32 bit Power Architecture automotive MCU Single core 80Mhz, 1MByte Flash, ASIL-B
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC582BX Datasheet(HTML) 104 Page - STMicroelectronics

Back Button SPC582BX Datasheet HTML 100Page - STMicroelectronics SPC582BX Datasheet HTML 101Page - STMicroelectronics SPC582BX Datasheet HTML 102Page - STMicroelectronics SPC582BX Datasheet HTML 103Page - STMicroelectronics SPC582BX Datasheet HTML 104Page - STMicroelectronics SPC582BX Datasheet HTML 105Page - STMicroelectronics SPC582BX Datasheet HTML 106Page - STMicroelectronics SPC582BX Datasheet HTML 107Page - STMicroelectronics SPC582BX Datasheet HTML 108Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 115 page
background image
Ordering information
SPC582Bx
104/115
DS11597 Rev 4
6
Ordering information
Figure 43. Ordering information scheme
Note:
Please contact your ST sales office to ask for the availability of a particular commercial
product.
Features (for instance, flash, RAM or peripherals) not included in the commercial product
cannot be used.
ST cannot be called to take any liability for features used outside the commercial product.
Memory
Core Product
Package
60
2B
E3
Example code:
Product identifier
M
SPC58
X
Frequency
1
Silicon
X
Packing
revision
Custom
version
Reserved
H
Note: eTQFP144 package (SPC582B60E5-ENG) is available for emulation purpose only (with NEXUS port I/O).
Note: For the number of CAN Interfaces available by package, refer to the IO_Definition file.
Y= Tray
X = Tape and Reel (pin 1 top right)
0 = 1st version
1 = 2nd version
0 = 3x standard CAN
D = 3x ISO CAN FD
G = 7x standard CAN
H = 7x ISO CAN FD
A = 48 MHz at 105 oC
B = 64 MHz at 105 oC
C = 80 MHz at 105 oC
K = 48 MHz at 125 oC
L = 64 MHz at 125 oC
M = 80 MHz at 125 oC
E3 = eTQFP100
E1 = eTQFP64
Q3 = QFN48
60 = 1 MB
54 = 768 KB
50 = 512 KB
B = SPC582Bx family
2 = Single computing e200z2 core
SPC58 = Power Architecture in 40 nm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com