Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC582BX Datasheet(PDF) 108 Page - STMicroelectronics

Part # SPC582BX
Description  SPC58 2B Line - 32 bit Power Architecture automotive MCU Single core 80Mhz, 1MByte Flash, ASIL-B
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC582BX Datasheet(HTML) 108 Page - STMicroelectronics

Back Button SPC582BX Datasheet HTML 104Page - STMicroelectronics SPC582BX Datasheet HTML 105Page - STMicroelectronics SPC582BX Datasheet HTML 106Page - STMicroelectronics SPC582BX Datasheet HTML 107Page - STMicroelectronics SPC582BX Datasheet HTML 108Page - STMicroelectronics SPC582BX Datasheet HTML 109Page - STMicroelectronics SPC582BX Datasheet HTML 110Page - STMicroelectronics SPC582BX Datasheet HTML 111Page - STMicroelectronics SPC582BX Datasheet HTML 112Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 115 page
background image
Revision history
SPC582Bx
108/115
DS11597 Rev 4
29-Jun-2017
2 (cont’)
Table 21: External 40 MHz oscillator electrical specifications:
– Footnote “Ixatl is the oscillator...Test circuit is shown in Figure 8” modified to
“Ixatl is the oscillator...startup of the oscillator”.
– Minimum value of parameter “VIHEXT” updated from “VREF+0.6” to
“VREF+0.75”
– Maximum value of parameter “VILEXT” updated from “VREF-0.6” to “VREF-
0.75”
– Parameter “gm”, value “D” updated to “P” for “fXTAL < 8 MHz”, and “D” for
others.
– Footnote “This parameter is...100% tested” updated to “Applies to an...to
crystal mode”. Also added to parameter “VI
– For parameters “VIHEXT” and “VILEXT”, Condition “–” updated to “VREF = 0.29
* VDD_HV_OSC”
– Classification for parameters “CS_EXTAL” and “CS_EXTAL” changed from “T” to
“D”.
– Updated classification, conditions, min and max values for parameter “gm”.
– Min and Max value of parameters CS_EXTAL and CS_XTAL updated to “3” (min)
and “7” (max).
Renamed the section “RC oscillator 1024 kHz” to Section 3.11.3: Low power
RC oscillator
Table 22: Internal RC oscillator electrical specifications:
– For parameter “IFIRC”, replaced max value of 300 with 600.
– Added footnote to the description.
– For parameter IFIRC, changed the max value to 600 and added footnote.
– Min, Typ and Max value of ”
δfvar_SW” updated from “-1”, “-”, “1” to “-0.5”,
“+0.3” and “0.5” respectively.
Table 23: 1024 kHz internal RC oscillator electrical characteristics:
– For parameter “
δfvar_V”, minimum and maximum value updated from “-0.05”
and “+0.05” to “-5” and “+5”.
– For parameter “
δfvar_T”, and “δfvar_V “ changed the cassification to “P”.
Table 24: ADC pin specification:
–For ILKG, changed condition “C” to “—”.
– For parameter CP2, updated the max value to “1”.
Table 25: SARn ADC electrical specification:
– Classification for parameter “IADCREFH” changed from “C” to “T”.
– For parameter fADCK (High frequency mode), changed min value from “7.5” to
“> 13.33”.
– Deleted footnote “Values are subject to change (possibly improved to ±2
LSB) after characterization”
Table 28: Linear regulator specifications:
– Updated the min and typ values of parameter VMREG (After trimming,
maximum load).
Table 59. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com