Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC582BX Datasheet(PDF) 111 Page - STMicroelectronics

Part # SPC582BX
Description  SPC58 2B Line - 32 bit Power Architecture automotive MCU Single core 80Mhz, 1MByte Flash, ASIL-B
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC582BX Datasheet(HTML) 111 Page - STMicroelectronics

Back Button SPC582BX Datasheet HTML 107Page - STMicroelectronics SPC582BX Datasheet HTML 108Page - STMicroelectronics SPC582BX Datasheet HTML 109Page - STMicroelectronics SPC582BX Datasheet HTML 110Page - STMicroelectronics SPC582BX Datasheet HTML 111Page - STMicroelectronics SPC582BX Datasheet HTML 112Page - STMicroelectronics SPC582BX Datasheet HTML 113Page - STMicroelectronics SPC582BX Datasheet HTML 114Page - STMicroelectronics SPC582BX Datasheet HTML 115Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 111 / 115 page
background image
DS11597 Rev 4
111/115
SPC582Bx
Revision history
114
04-Jun-2018
3 (cont’d)
Table 24: ADC pin specification:
– Updated Max value for CS
– For parameter CP2, updated the max value from “1” to “2”.
– Changed Max value = 1 by 2 for Cp2 SARB channels
Table 25: SARn ADC electrical specification:
– Added symbols tADCINIT and tADCBIASINIT
– Column “C” splitted and added “D” for IADV_S
Figure 11: Voltage monitor threshold definition:
Right blue line adjusted on the top figure.
Section 3.13.1: Power management integration:
Added sentence “It is recommended...device itself”.
Table 28: Linear regulator specifications:
Updated values for symbol “
ΔIDDMREG”, Min: 50 changed to -50.
Section 3.14: Flash:
Updated the section.
Table 41: CAN timing:
Added columns for “CC” and “D”.
Section 4.4: Package thermal characteristics:
Removed table “Thermal characteristics for 144 exposed pad eTQFP package”
Figure 33: Ordering information scheme:
For Packing, replaced “R” with “X” and removed description related to “R”.
Updated the description of “X”.
Added Table 52: RAM options and Table 51: Code Flash options.
01-Dec-2020
4
The following are the changes in this version of the Datasheet.
Minor formatting changes throughout the document.
Updated Title of the document
Updated the sub-title of the document
Added picture and dimension for QFN48
Updated Table 1: Device summary
Updated Chapter 1: Introduction:
Removed “Document overview” section title.
Updated section 1.2 Description to Chapter 2: Description
Chapter 4: Electrical characteristics
Section 4.2: Absolute maximum ratings
Table 4: Absolute maximum ratings:
– Added cross reference to footnote 2. to all VDD_HV* and VIN
– Removed Symbol VDD_HV_IO_FLEX for Parameter “I/O supply voltage”
Table 59. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com