Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC582BX Datasheet(PDF) 109 Page - STMicroelectronics

Part # SPC582BX
Description  SPC58 2B Line - 32 bit Power Architecture automotive MCU Single core 80Mhz, 1MByte Flash, ASIL-B
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC582BX Datasheet(HTML) 109 Page - STMicroelectronics

Back Button SPC582BX Datasheet HTML 105Page - STMicroelectronics SPC582BX Datasheet HTML 106Page - STMicroelectronics SPC582BX Datasheet HTML 107Page - STMicroelectronics SPC582BX Datasheet HTML 108Page - STMicroelectronics SPC582BX Datasheet HTML 109Page - STMicroelectronics SPC582BX Datasheet HTML 110Page - STMicroelectronics SPC582BX Datasheet HTML 111Page - STMicroelectronics SPC582BX Datasheet HTML 112Page - STMicroelectronics SPC582BX Datasheet HTML 113Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 115 page
background image
DS11597 Rev 4
109/115
SPC582Bx
Revision history
114
29-Jun-2017
2 (cont’)
Table 29: Standby regulator specifications:
– Updated the min and max values for parameter VSBY.
– For parameter IDDSBY, added “0.984” to typ column.
Table 30: Voltage monitor electrical characteristics:
– Updated the Typ value of parameter VPOR200_C
– Updated the min, typ, and max values of parameter VLVD100_SB,.
– Updated the min and max values for parameter VMVD270_SBY.
– Removed “PowerOn Reset LV”
Updated Section 3.14: Flash
Updated Figure 8: Input equivalent circuit (Fast SARn and SARB channels)
Updated Figure 22: DSPI CMOS master mode — classic timing, CPHA = 1
Table 35: Nexus debug port timing:
– Classification of parameters “tEVTIPW” and “tEVTOPW” changed from “P” to “D”.
Table 38: DSPI CMOS master classic timing (full duplex and output only) —
MTFE = 0, CPHA = 0 or 1:
– Changed the Min value of tSCK (very strong) from 33 to 59.
Added Section 3.15.3: CAN timing
Table 46: eTQFP64 package mechanical data:
– Updated the values.
Table 47: eTQFP100 package mechanical data:
– Updated the values.
Table 48: eTQFP144 package mechanical data:
– Updated the values.
Table 37: DSPI channel frequency support:
– Added column to show slower and faster frequencies..
Table 49: Thermal characteristics for 64 exposed pad eTQFP package:
– Removed parameter
RθJMA.
Table 50: Thermal characteristics for 100 exposed pad eTQFP package:
– Removed parameter
RθJMA.
– Updated the values of all the parameters.
Table 51: Thermal characteristics for 144 exposed pad eTQFP package:
– Removed parameter
RθJMA.
Table 59. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com