Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC582BX Datasheet(PDF) 110 Page - STMicroelectronics

Part # SPC582BX
Description  SPC58 2B Line - 32 bit Power Architecture automotive MCU Single core 80Mhz, 1MByte Flash, ASIL-B
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC582BX Datasheet(HTML) 110 Page - STMicroelectronics

Back Button SPC582BX Datasheet HTML 106Page - STMicroelectronics SPC582BX Datasheet HTML 107Page - STMicroelectronics SPC582BX Datasheet HTML 108Page - STMicroelectronics SPC582BX Datasheet HTML 109Page - STMicroelectronics SPC582BX Datasheet HTML 110Page - STMicroelectronics SPC582BX Datasheet HTML 111Page - STMicroelectronics SPC582BX Datasheet HTML 112Page - STMicroelectronics SPC582BX Datasheet HTML 113Page - STMicroelectronics SPC582BX Datasheet HTML 114Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 115 page
background image
Revision history
SPC582Bx
110/115
DS11597 Rev 4
04-Jun-2018
3
The following are the changes in this version of the Datasheet.
Replaced reference to IO_definition excel file by “the device pin out IO
definition excel file”, throughout the document.
Minor formatting changes throughout the document.
Section 2: Package pinouts and signal descriptions:
Changed introduction sentence since the pinout excel file will no longer be
attached to the Datasheet.
Table 6: Device supply relation during power-up/power-down sequence: Added
a note “The application.....” to parameter VDD_HV_OSC
Table 8: Device consumption:
–“IDD_LKG”: added footnote “IDD_LKG and IDD_LV are reported as...”
–“IDD_LV”: added Footnote “IDD_LKG and IDD_LV are reported as...”
– Updated table footnote 4.
– Updated all the typical and maximum values for IDD_LKG, IDDSTBY8, and
IDDSTBY64 parameters.
Table 9: I/O pad specification descriptions:
Removed latest sentence at Standby pads description.
Table 14: STRONG/FAST I/O output characteristics:
Updated values for tTR_S for condition CL = 25 pF and CL = 50 pF
Table 15: VERY STRONG/VERY FAST I/O output characteristics:
– “tTR20-80” replaced by “tTR20-8_V”
– “tTRTTL” replaced by “tTRTTL_V”
–“
ΣtTR20-80” replaced by “ΣtTR20-80_V”
Table 19: PLL0 electrical characteristics:
– Added “fINFIN”
–Symbol “fINFIN” : changed “C” by “—” in column “C”
–
|ΔPLL0PHI0SPJ|: changed “T” by “D” and added pk-pk to Conditions value
–
|ΔPLL0PHI1SPJ|: added pk-pk to Conditions value
– The maximum value of fPLL0PHI0 is changed from “400” to “FSYS” with a
footnote.
Table 20: PLL1 electrical characteristics:
Added “fINFIN”.
Table 21: External 40 MHz oscillator electrical specifications:
– Changed “i.e.” by “that is” in note “Amplitude on the EXTAL...
– Changed table footnote 3 by: This value is determined by the crystal
manufacturer and board design, and it can potentially be higher than the
maximum provided.
– Table footnote 1 updated: “DCF clients XOSC_LF_EN and
XOSC_EN_40MHZ” changed by “XOSC_FREQ_SEL”
Table 59. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com