Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC582BX Datasheet(PDF) 112 Page - STMicroelectronics

Part # SPC582BX
Description  SPC58 2B Line - 32 bit Power Architecture automotive MCU Single core 80Mhz, 1MByte Flash, ASIL-B
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC582BX Datasheet(HTML) 112 Page - STMicroelectronics

Back Button SPC582BX Datasheet HTML 107Page - STMicroelectronics SPC582BX Datasheet HTML 108Page - STMicroelectronics SPC582BX Datasheet HTML 109Page - STMicroelectronics SPC582BX Datasheet HTML 110Page - STMicroelectronics SPC582BX Datasheet HTML 111Page - STMicroelectronics SPC582BX Datasheet HTML 112Page - STMicroelectronics SPC582BX Datasheet HTML 113Page - STMicroelectronics SPC582BX Datasheet HTML 114Page - STMicroelectronics SPC582BX Datasheet HTML 115Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 112 / 115 page
background image
Revision history
SPC582Bx
112/115
DS11597 Rev 4
01-Dec-2020
4
(Cont’d)
Section 4.3: Operating conditions
Table 5: Operating conditions:
–VDD_HV_ADR_S: removed line for C condition.:
–TJ: changed value in column C from “P” to “C”.
– Removed Symbol VDD_HV_IO_FLEX for Parameter “I/O supply voltage”
Section 4.5: Electromagnetic compatibility characteristics
Updated section title from Electromagnetic emission characteristics to
Electromagnetic compatibility characteristics.
Updated Section 4.6: Temperature profile
Section 4.7: Device consumption
Table 8: Device consumption: move table footnote 1. from table title to “Value”.
Section 4.9: Reset pad (PORST) electrical characteristics
Figure 5: Startup Reset requirements: deleted VDDMIN
Section 4.10: PLLs
Section 4.10.1: PLL0
Table 19: PLL0 electrical characteristics: changed condition from T to D for
|ΔPLL0PHI1SPJ|, ΔPLL0LTJ and IPLL0.
Section 4.10.2: PLL1
Table 20: PLL1 electrical characteristics: changed condition from T to D for
IPLL1
Section 4.11: Oscillators
Section 4.11.2: RC oscillator 16 MHz
Table 22: Internal RC oscillator electrical specifications:
– updated Max value for IFIRC.
– Updated 2.
Section 4.12: ADC system
Figure 8: Input equivalent circuit (Fast SARn and SARB channels): added
parameter “CEXT: external capacitance” and component to scheme.
Table 24: ADC pin specification: added row for symbol “CEXT / SR”
Updated Section 4.12.1: ADC input description
Updated Section 4.12.2: SAR ADC 12 bit electrical specification
Section 4.13: Power management
Section 4.13.1: Power management integration
Table 27: External components integration:
– Updated Conditions for CBV.
– Updated notes content and numbering
Table 59. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com