Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC58EHX Datasheet(PDF) 77 Page - STMicroelectronics

Part # SPC58EHX
Description  SPC58 H Line - 32 bit Power Architecture automotive MCU Triple z4 cores 200 MHz, 10 MBytes Flash, HSM, ASIL-D
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC58EHX Datasheet(HTML) 77 Page - STMicroelectronics

Back Button SPC58EHX Datasheet HTML 73Page - STMicroelectronics SPC58EHX Datasheet HTML 74Page - STMicroelectronics SPC58EHX Datasheet HTML 75Page - STMicroelectronics SPC58EHX Datasheet HTML 76Page - STMicroelectronics SPC58EHX Datasheet HTML 77Page - STMicroelectronics SPC58EHX Datasheet HTML 78Page - STMicroelectronics SPC58EHX Datasheet HTML 79Page - STMicroelectronics SPC58EHX Datasheet HTML 80Page - STMicroelectronics SPC58EHX Datasheet HTML 81Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 147 page
background image
DS12304 Rev 5
77/147
SPC58EHx, SPC58NHx
Electrical characteristics
78
t16keraseeep
Erase 16 KB Data Flash -
EEPROM (partition 3)
225
C
645
715
P
520
4700
C ms
ttr
Program rate(8)
1.7
C
2.8
3.40
C
2.4
—
C
s/M
B
tpr
Erase rate(8)
4.8
C
7.2
9.6
C
6.4
—
C
s/M
B
ttprfm
Program rate Factory Mode(8)
1.12
C
1.4
1.6
C
—
—
C
s/M
B
terfm
Erase rate Factory Mode(8)
4.0
C
5.2
5.8
C
—
—
C
s/M
B
tffprogram
Full flash programming time(9) 19.8
C
29.3
36.3
P
25.4
—
—
C
s
tfferase
Full flash erasing time(9)
41.2
C
66.0
82.4
P
66.0
—
—
C
s
tESRT
Erase suspend request
rate(10)
200
T
—
—
—
—
—
— µs
tPSRT
Program suspend request
rate(10)
30
T
—
—
—
—
—
— µs
tAMRT
Array Integrity Check - Margin
Read suspend request rate
15
T
—
—
—
—
—
— µs
tPSUS
Program suspend latency(11)
——
—
—
—
—
12
T
µs
tESUS
Erase suspend latency(11)
——
—
—
—
—
22
T
µs
tAIC0S
Array Integrity Check (10.0
MB, sequential)(12)
70
T
—
—
—
—
—
—
— ms
tAIC256KS
Array Integrity Check (256
KB, sequential)(12)
1.5
T
—
—
—
—
—
—
— ms
tAIC0P
Array Integrity Check (10.0
MB, proprietary)(12)
4.0
T
—
—
—
—
—
—
—
s
tMR0S
Margin Read (10.0 MB,
sequential)(12)
200
T
—
—
—
—
—
—
— ms
tMR256KS
Margin Read (256 KB,
sequential)(12)
4.0
T
—
—
—
—
—
—
— ms
1. Characteristics are valid both for Data Flash and Code Flash, unless specified in the characteristics column.
2. Actual hardware operation times; this does not include software overhead.
3. Typical program and erase times assume nominal supply values and operation at 25 °C.
4. Typical End of Life program and erase times represent the median performance and assume nominal supply values.
Typical End of Life program and erase values may be used for throughput calculations. These values are characteristic, but
not tested.
Table 38. Flash memory program and erase specifications (continued)
Symbol
Characteristics(1)(2)
Value
Unit
Typ(3) C
Initial max
Typical
end of
life(4)
Lifetime
max(5)
C
25 °C
(6)
All
temp
(7)
C
< 1 K
cycles
< 250 K
cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com