Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC58NH84E5 Datasheet(PDF) 13 Page - STMicroelectronics

Part # SPC58NH84E5
Description  SPC58 H Line - 32 bit Power Architecture automotive MCU Triple z4 cores 200 MHz, 10 MBytes Flash, HSM, ASIL-D
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC58NH84E5 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button SPC58NH84E5 Datasheet HTML 9Page - STMicroelectronics SPC58NH84E5 Datasheet HTML 10Page - STMicroelectronics SPC58NH84E5 Datasheet HTML 11Page - STMicroelectronics SPC58NH84E5 Datasheet HTML 12Page - STMicroelectronics SPC58NH84E5 Datasheet HTML 13Page - STMicroelectronics SPC58NH84E5 Datasheet HTML 14Page - STMicroelectronics SPC58NH84E5 Datasheet HTML 15Page - STMicroelectronics SPC58NH84E5 Datasheet HTML 16Page - STMicroelectronics SPC58NH84E5 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 147 page
background image
DS12304 Rev 5
13/147
SPC58EHx, SPC58NHx
Description
16
On ethernet controller 10/100 Mbps (Ethernet 0)
Standard compliance
Ethernet interface is compliant to following standards:
– IEEE 802.3-2008 for Ethernet MAC, Media Independent Interface (MII),
reduced Media Independent Interface (RMII)
– IEEE 1588-2008 for precision networked clock synchronization
– IEEE 802.1AS-2011 and 802.1-Qav-2009 for Audio Video (AV) traffic
– IEEE 802.3az-2010 for Energy Efficient Ethernet (EEE) with MII interface
– RMII specification version 1.2 from RMII consortium
– Turbo MII, overclocked MII @200 Mbps
– AMBA 2.0 for AHB master port and APB slave port
MAC Tx and Rx features:
– Separate transmission, reception, and control interfaces to the application
– 10, 100 Mbps data transfer rates with the following PHY interfaces:
IEEE 802.3-compliant MII interface to communicate with an external Fast
Ethernet PHY
RMII interface to communicate with an external Fast Ethernet PHY
– Half-duplex operation
– Full-duplex flow control operations (IEEE 802.3x Pause packets and Priority
flow control)
– Network statistics with RMON or MIB Counters (RFC2819/RFC2665)
– Support Ethernet packet timestamping as described in IEEE 1588-2002 and
IEEE 1588-2008. Both one-step and two-step timestamping is supported in
TX direction
– Flexibility to control the Pulse-Per-Second (PPS) output signal (ptp_pps_o)
– MDIO (Clause 22 and Clause 45) master interface for PHY device
configuration and management
MAC Tx features:
– Source Address field insertion or replacement, VLAN insertion, replacement,
and deletion in transmitted packets with per-packet or static-global control
MAC Rx features:
– Automatic Pad and CRC Stripping options:
– Option to disable Automatic CRC checking
– Preamble and SFD deletion
– Separate 112-bit or 128-bit status
– Programmable watchdog timeout limit
– Fixed address filtering modes:
Up to 31 additional 48-bit perfect (DA) address filters with masks for each
byte
Up to 31 48-bit SA address comparison check with masks for each byte
Option to pass all multi-cast addressed packets
Promiscuous mode to pass all packets without any filtering for network
monitoring
Pass all incoming packets (as per filter) with a status report
– Additional packet filtering:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com