Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC58EE84C3 Datasheet(PDF) 62 Page - STMicroelectronics

Part # SPC58EE84C3
Description  32-bit Power Architecture microcontroller for automotive ASIL-D applications
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC58EE84C3 Datasheet(HTML) 62 Page - STMicroelectronics

Back Button SPC58EE84C3 Datasheet HTML 58Page - STMicroelectronics SPC58EE84C3 Datasheet HTML 59Page - STMicroelectronics SPC58EE84C3 Datasheet HTML 60Page - STMicroelectronics SPC58EE84C3 Datasheet HTML 61Page - STMicroelectronics SPC58EE84C3 Datasheet HTML 62Page - STMicroelectronics SPC58EE84C3 Datasheet HTML 63Page - STMicroelectronics SPC58EE84C3 Datasheet HTML 64Page - STMicroelectronics SPC58EE84C3 Datasheet HTML 65Page - STMicroelectronics SPC58EE84C3 Datasheet HTML 66Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 154 page
background image
Electrical characteristics
SPC58EEx, SPC58NEx
62/154
DS11646 Rev 4
SNRSE150(10) CC
P
Signal to noise ratio
in single ended
mode 150 ksps
output rate(11)
4.0 < VDD_HV_ADV <5.5
VDD_HV_ADR_D =
VDD_HV_ADV
GAIN = 1
TJ < 150 °C
74
—
—
dBFS
T
4.0 < VDD_HV_ADV <5.5
VDD_HV_ADR_D =
VDD_HV_ADV
GAIN = 2
TJ < 150 °C
71
—
—
4.0 < VDD_HV_ADV <5.5
VDD_HV_ADR_D =
VDD_HV_ADV
GAIN = 4
TJ < 150 °C
68
—
—
4.0 < VDD_HV_ADV <5.5
VDD_HV_ADR_D =
VDD_HV_ADV
GAIN = 8
TJ < 150 °C
65
—
—
D
4.0 <
VDD_HV_ADV <5.5
VDD_HV_ADR_D =
VDD_HV_ADV
GAIN = 16
TJ < 150 °C
62
—
—
ΔSNR165C
CC C
165 °C Signal to
noise ratio impact
Any GAIN
150 °C < TJ <165 °C
–9
—
—
dBFS
ΔSNRINJ2
CC T
TUE degradation
addition, due to
current injection in
IINJ2 range.
See Operating
Conditions chapter
Table 5, IINJ2
parameter(12)
——
–9
dBFS
SFDR
CC
P
Spurious free
dynamic range
GAIN = 1
60
—
—
dBc
CGAIN = 2
60
—
—
CGAIN = 4
60
—
—
CGAIN = 8
60
—
—
D
GAIN = 16
60
—
—
ZDIFF
CC
D
Differential input
impedance
(fADCD_M = 16 MHz)
GAIN = 1
900
1125
1350
k
Ω
D
GAIN = 2
550
700
900
D
GAIN = 4
250
350
450
D
GAIN = 8
180
225
270
D
GAIN = 16
180
225
270
Table 29. SDn ADC electrical specification (continued)
Symbol
C
Parameter
Conditions
Value
Unit
Min
Typ
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com