Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC58EE84C3 Datasheet(PDF) 136 Page - STMicroelectronics

Part # SPC58EE84C3
Description  32-bit Power Architecture microcontroller for automotive ASIL-D applications
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC58EE84C3 Datasheet(HTML) 136 Page - STMicroelectronics

Back Button SPC58EE84C3 Datasheet HTML 132Page - STMicroelectronics SPC58EE84C3 Datasheet HTML 133Page - STMicroelectronics SPC58EE84C3 Datasheet HTML 134Page - STMicroelectronics SPC58EE84C3 Datasheet HTML 135Page - STMicroelectronics SPC58EE84C3 Datasheet HTML 136Page - STMicroelectronics SPC58EE84C3 Datasheet HTML 137Page - STMicroelectronics SPC58EE84C3 Datasheet HTML 138Page - STMicroelectronics SPC58EE84C3 Datasheet HTML 139Page - STMicroelectronics SPC58EE84C3 Datasheet HTML 140Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 154 page
background image
Package information
SPC58EEx, SPC58NEx
136/154
DS11646 Rev 4
Table 79. FPBGA292 package mechanical data
REF.
Dimensions
Millimeters
Inches(1)
Min
Typ
Max
Min
Typ
Max
A(2)
––
1.8
–
–
0.071
A1
0.35
–
–
0.014
–
–
A2
–
0.53
–
–
0.021
–
A4
–
–
0.80
–
–
0.031
D
16.85
17.00
17.15
0.663
0.669
0.675
D1
–
15.20
–
–
0.598
–
E
16.85
17.00
17.15
0.663
0.669
0.675
E1
–
15.20
–
–
0.598
–
e
–
0.80
–
–
0.031
–
b(3)
0.50
0.55
0.60
0.019
0.021
0.023
Z
–
0.90
–
–
0.035
–
aaa
–
–
0.15
–
–
0.006
bbb
–
–
0.10
–
–
0.004
ddd
–
–
0.12
–
–
0.005
eee(4)
–
–
0.15
–
–
0.006
fff(5)
–
–
0.08
–
–
0.003
1. Values in inches are converted from millimeters (mm) and rounded to three decimal digits.
2. FPBGA stands for Fine Pitch Plastic Ball Grid Array.
Fine pitch: e < 1.00mm pitch.
Low Profile: The total profile height (Dim A) is measured from the seating plane to the top of the component.
The maximum total package height is calculated by the following methodology (tolerance values):
3. The typical ball diameter before mounting is 0.55mm.
4. The tolerance of position that controls the location of the pattern of balls with respect to datums A and B. For each ball there
is a cylindrical tolerance zone eee perpendicular to datum C and located on true position with respect to datums A and B as
defined by e. The axis perpendicular to datum C of each ball must lie within this tolerance zone.
5. The tolerance of position that controls the location of the balls within the matrix with respect to each other. For each ball
there is a cylindrical tolerance zone fff perpendicular to datum C and located on true position as defined by e. The axis
perpendicular to datum C of each ball must lie within this tolerance zone. Each tolerance zone fff in the array is contained
entirely in the respective zone eee above. The axis of each ball must lie simultaneously in both tolerance zones.
Amax
A1 TYP
() A2 TYP
() A4 TYP
()
A1
()
2
A2
()
2
A4
()
2
++
++
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com