Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC58EE84C3 Datasheet(PDF) 151 Page - STMicroelectronics

Part # SPC58EE84C3
Description  32-bit Power Architecture microcontroller for automotive ASIL-D applications
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC58EE84C3 Datasheet(HTML) 151 Page - STMicroelectronics

Back Button SPC58EE84C3 Datasheet HTML 146Page - STMicroelectronics SPC58EE84C3 Datasheet HTML 147Page - STMicroelectronics SPC58EE84C3 Datasheet HTML 148Page - STMicroelectronics SPC58EE84C3 Datasheet HTML 149Page - STMicroelectronics SPC58EE84C3 Datasheet HTML 150Page - STMicroelectronics SPC58EE84C3 Datasheet HTML 151Page - STMicroelectronics SPC58EE84C3 Datasheet HTML 152Page - STMicroelectronics SPC58EE84C3 Datasheet HTML 153Page - STMicroelectronics SPC58EE84C3 Datasheet HTML 154Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 151 / 154 page
background image
DS11646 Rev 4
151/154
SPC58EEx, SPC58NEx
Revision history
153
01-Jul-2019
4
Hereunder are the changes for this release of the document with respect to
revision 3:
Cover Page
Removed Registered symbol in title as per latest procedure.
Rephrased introduction sentence since the pinout excel file will no longer be
attached to the datasheet
Section 3.1: Introduction
– Reformatted note from introduction
Table 4: Absolute maximum ratings: Added cross reference to footnote(3) to all
VDD_HV* and VIN
Section 3.3: Operating conditions
Table 5: Operating conditions:
TJ: changed value in column C from “P” to “C”.
Table 9: Device consumption:
–For ISPIKE updated footnote and “SR” to “CC” and for ISR updated the second
footnote.
– Deleted IDD_LV_TCU, IDD_HV_TCU, IDD_LV_ECU, IDD_HV_ECU.
– Updated footnote 4: Use case.
Table 15: STRONG/FAST I/O output characteristics: updated values for tTR_S
for condition CL = 25 pF and CL = 50 pF
Table 16: VERY STRONG/VERY FAST I/O output characteristics:
– “tTR20-80” replaced by “tTR20-8_V”
– “tTRTTL” replaced by “tTRTTL_V”
–“
ΣtTR20-80” replaced by “ΣtTR20-80_V”
Section 3.9: Reset pad (PORST, ESR0) electrical characteristics
– Figure 5: Startup Reset requirements: deleted VDDMIN
– Table 18: Reset PAD electrical characteristics: added values for Conditions =
3.3V.
Table 20: PLL0 electrical characteristics:
–
|ΔPLL0PHI0SPJ|: added pk-pk to Conditions value
–
|ΔPLL0PHI1SPJ|: added pk-pk to Conditions value
– The maximum value of fPLL0PHI0 is changed from “400” to “FSYS” with a
footnote.
– changed condition from T to D for
|ΔPLL0PHI1SPJ|, ΔPLL0LTJ and IPLL0.
Table 21: PLL1 electrical characteristics:
– changed condition from T to D for IPLL1.
Table 22: External 40 MHz oscillator electrical specifications:
– Changed table footnote 3 by: This value is determined by the crystal
manufacturer and board design, and it can potentially be higher than the
maximum provided.
– Table footnote 1 updated: “DCF clients XOSC_LF_EN and
XOSC_EN_40MHZ” changed by “XOSC_FREQ_SEL”
Table 23: 32 kHz External Slow Oscillator electrical specifications: Updated the
parameter symbols.
Added “CC” to Tsxosc.
Table 84. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com