Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC58NH90E5 Datasheet(PDF) 2 Page - STMicroelectronics

Part # SPC58NH90E5
Description  SPC58 H Line - 32 bit Power Architecture automotive MCU Triple z4 cores 200 MHz, 10 MBytes Flash, HSM, ASIL-D
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC58NH90E5 Datasheet(HTML) 2 Page - STMicroelectronics

  SPC58NH90E5 Datasheet HTML 1Page - STMicroelectronics SPC58NH90E5 Datasheet HTML 2Page - STMicroelectronics SPC58NH90E5 Datasheet HTML 3Page - STMicroelectronics SPC58NH90E5 Datasheet HTML 4Page - STMicroelectronics SPC58NH90E5 Datasheet HTML 5Page - STMicroelectronics SPC58NH90E5 Datasheet HTML 6Page - STMicroelectronics SPC58NH90E5 Datasheet HTML 7Page - STMicroelectronics SPC58NH90E5 Datasheet HTML 8Page - STMicroelectronics SPC58NH90E5 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 147 page
background image
SPC58EHx, SPC58NHx
2/147
DS12304 Rev 5
– 16 MCAN interfaces with advanced shared memory scheme and ISO CAN-FD
support
– Dual-channel FlexRay controller
– One SD/SDIO/eMMC module
– One OctalSPI module with double Chip Select
– Two independent Ethernet controllers, one 10/100Mbps and the other one
10/100Mbps or 1Gbps, compliant IEEE 802.3-2008 and OPEN RGMII EPL v2.3
– Four I2C modules
– Two PSI5 modules
• Low power capabilities:
– Versatile low power modes
– Ultra low power standby with RTC
– Smart Wake-up Unit for contact monitoring
– Fast wakeup schemes
• Dual phase-locked loops with stable clock domain for peripherals and FM modulation
domain for computational shell
• Nexus development interface (NDI) per IEEE-ISTO 5001-2003 standard, with some
support for 2010 standard
• Boot assist Flash (BAF) supports factory programming using a serial bootload through the
asynchronous CAN or LIN/UART
• Low power supply options:
– Single internal linear regulator with external ballast
– External low voltage supply (1.2V)
• Temperature range:
– -40 °C to 105 °C
– -40 °C to 125 °C
Table 1. Device summary
Package
Part number
6 MB
8 MB
10 MB
Dual core
Triple core
Dual core
Triple core
Dual core
Triple core
eTQFP144 SPC58EH84E5 SPC58NH84E5 SPC58EH90E5 SPC58NH90E5 SPC58EH92E5 SPC58NH92E5
eLQFP176 SPC58EH84E7 SPC58NH84E7 SPC58EH90E7 SPC58NH90E7 SPC58EH92E7 SPC58NH92E7
FPBGA302 SPC58EH84C3 SPC58NH84C3 SPC58EH90C3 SPC58NH90C3 SPC58EH92C3 SPC58NH92C3
FPBGA386 SPC58EH84C5 SPC58NH84C5 SPC58EH90C5 SPC58NH90C5 SPC58EH92C5 SPC58NH92C5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com