Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC58NH84E7 Datasheet(PDF) 8 Page - STMicroelectronics

Part # SPC58NH84E7
Description  SPC58 H Line - 32 bit Power Architecture automotive MCU Triple z4 cores 200 MHz, 10 MBytes Flash, HSM, ASIL-D
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC58NH84E7 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button SPC58NH84E7 Datasheet HTML 4Page - STMicroelectronics SPC58NH84E7 Datasheet HTML 5Page - STMicroelectronics SPC58NH84E7 Datasheet HTML 6Page - STMicroelectronics SPC58NH84E7 Datasheet HTML 7Page - STMicroelectronics SPC58NH84E7 Datasheet HTML 8Page - STMicroelectronics SPC58NH84E7 Datasheet HTML 9Page - STMicroelectronics SPC58NH84E7 Datasheet HTML 10Page - STMicroelectronics SPC58NH84E7 Datasheet HTML 11Page - STMicroelectronics SPC58NH84E7 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 147 page
background image
Description
SPC58EHx, SPC58NHx
8/147
DS12304 Rev 5
MPU
Core MPU: 24 per CPU
System MPU: 24 per XBAR
Semaphores
Yes
CRC Channels
2 x 4
Software Watchdog Timer (SWT)
4
Core Nexus Class
3+
Event Processor
4 x SCU
4 x PMC
Run control Module
Yes
System SRAM
1088 KB (including 256 KB of standby RAM)
User Flash
up to 10240 KB code / 256 KB data
Security Flash
up to 192 KB code / 32 KB data
Flash fetch accelerator
2 x 2 x 4 x 256-bit
DMA channels
80
DMA Nexus Class
3
LINFlexD
24
M_CAN supporting CAN-FD
according to ISO 11898-1 2015
16
DSPI
11
I2C
4
PSI5 / PSI5-S bus
2 / 1
FlexRay
1 x Dual channel
Ethernet
2 MAC with Time stamping, AVB and VLAN support
System Timers
8 PIT channels
4 AUTOSAR® (STM)
RTC/API
eMIOS
3 x 32 channels
OctalSPI
1 (2 Chip select)
SDMMC
1
GST
1
BCTU
96 channels
Interrupt controller
> 710 sources
ADC (SAR)
Five 12-bit (4+1 Supervisor); One 10-bit
Temp. sensor
Yes
Self Test Controller
Yes
Table 2. Features list (continued)
Feature
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com