Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA369BWS Datasheet(PDF) 13 Page - STMicroelectronics

Part # STA369BWS
Description  2.1-channel 40-watt high-efficiency digital audio system Sound Terminal®
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA369BWS Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STA369BWS_V01 Datasheet HTML 9Page - STMicroelectronics STA369BWS_V01 Datasheet HTML 10Page - STMicroelectronics STA369BWS_V01 Datasheet HTML 11Page - STMicroelectronics STA369BWS_V01 Datasheet HTML 12Page - STMicroelectronics STA369BWS_V01 Datasheet HTML 13Page - STMicroelectronics STA369BWS_V01 Datasheet HTML 14Page - STMicroelectronics STA369BWS_V01 Datasheet HTML 15Page - STMicroelectronics STA369BWS_V01 Datasheet HTML 16Page - STMicroelectronics STA369BWS_V01 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 92 page
background image
DocID016861 Rev 7
13/92
STA369BWS
Electrical specifications
92
3
Electrical specifications
3.1
Absolute maximum ratings
Warning:
Stresses beyond those listed in Table 3 above may cause
permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any
other conditions beyond those indicated under
“Recommended operating conditions” are not implied.
Exposure to absolute-maximum-rated conditions for
extended periods may affect device reliability. In the real
application, power supplies with nominal values rated within
the recommended operating conditions, may experience
some rising beyond the maximum operating conditions for a
short time when no or very low current is sinked (amplifier in
mute state). In this case the reliability of the device is
guaranteed, provided that the absolute maximum ratings are
not exceeded.
3.2
Thermal data
Table 3. Absolute maximum ratings
Symbol
Parameter
Min
Typ
Max
Unit
VCC
Power supply voltage (pins VCCx)
-0.3
-
24
V
VDD
Digital supply voltage (pins VDD_DIG)
-0.3
-
4.0
V
VDD
PLL supply voltage (pin VDD_PLL)
-0.3
-
4.0
V
Top
Operating junction temperature
-20
-
150
°C
Tstg
Storage temperature
-40
-
150
°C
Table 4. Thermal data
Symbol
Parameter
Min
Typ
Max
Unit
Rth j-case
Thermal resistance junction-case (thermal pad)
-
-
1.5
°C/W
Tth-sdj
Thermal shut-down junction temperature
-
150
-
°C
Tth-w
Thermal warning temperature
-
130
-
°C
Tth-sdh
Thermal shut-down hysteresis
-
20
-
°C
Rth j-amb
Thermal resistance junction-ambient (1)
1. See Chapter 9: Package thermal characteristics on page 88 for details.
-
24
-
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com