Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC58NH90C3 Datasheet(PDF) 84 Page - STMicroelectronics

Part # SPC58NH90C3
Description  SPC58 H Line - 32 bit Power Architecture automotive MCU Triple z4 cores 200 MHz, 10 MBytes Flash, HSM, ASIL-D
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC58NH90C3 Datasheet(HTML) 84 Page - STMicroelectronics

Back Button SPC58NH90C3 Datasheet HTML 80Page - STMicroelectronics SPC58NH90C3 Datasheet HTML 81Page - STMicroelectronics SPC58NH90C3 Datasheet HTML 82Page - STMicroelectronics SPC58NH90C3 Datasheet HTML 83Page - STMicroelectronics SPC58NH90C3 Datasheet HTML 84Page - STMicroelectronics SPC58NH90C3 Datasheet HTML 85Page - STMicroelectronics SPC58NH90C3 Datasheet HTML 86Page - STMicroelectronics SPC58NH90C3 Datasheet HTML 87Page - STMicroelectronics SPC58NH90C3 Datasheet HTML 88Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 147 page
background image
Electrical characteristics
SPC58EHx, SPC58NHx
84/147
DS12304 Rev 5
Figure 19. Nexus TDI, TMS, TDO timing
4.16.1.3
External interrupt timing (IRQ pin)
TCK
11
12
15
TMS, TDI
TDO
13
14
16
Table 42. External interrupt timing
Characteristic
Symbol
Min
Max
Unit
IRQ Pulse Width Low
tIPWL
3—
tcyc
IRQ Pulse Width High
tIPWH
3—
tcyc
IRQ Edge to Edge Time(1)
tICYC
6—
tcyc
1. Applies when IRQ pins are configured for rising edge or falling edge events, but not both.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com