Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC58NH90C3 Datasheet(PDF) 101 Page - STMicroelectronics

Part # SPC58NH90C3
Description  SPC58 H Line - 32 bit Power Architecture automotive MCU Triple z4 cores 200 MHz, 10 MBytes Flash, HSM, ASIL-D
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC58NH90C3 Datasheet(HTML) 101 Page - STMicroelectronics

Back Button SPC58NH90C3 Datasheet HTML 97Page - STMicroelectronics SPC58NH90C3 Datasheet HTML 98Page - STMicroelectronics SPC58NH90C3 Datasheet HTML 99Page - STMicroelectronics SPC58NH90C3 Datasheet HTML 100Page - STMicroelectronics SPC58NH90C3 Datasheet HTML 101Page - STMicroelectronics SPC58NH90C3 Datasheet HTML 102Page - STMicroelectronics SPC58NH90C3 Datasheet HTML 103Page - STMicroelectronics SPC58NH90C3 Datasheet HTML 104Page - STMicroelectronics SPC58NH90C3 Datasheet HTML 105Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 147 page
background image
DS12304 Rev 5
101/147
SPC58EHx, SPC58NHx
Electrical characteristics
109
Figure 36. RMII transmit signal timing diagram
4.16.3.8
RGMII signal timing
The RGMII interface uses Double Data Rate (DDR) data transfer scheme; it requires that
the clock signal is delayed against the data and control signals.
This RGMII interface is compliant with the delay mode Delay on Source (DoS), where the
transmitter device already provides a delayed clock signal.
For detailed AC specifications, refer to chapter 7.3 “Signal timing parameters in DoS mode”
of specification “OPEN Alliance RGMII EPL (Electrical-Physical Layer) Recommendations”
standard v2.3.
4.16.4
FlexRay timing
This section provides the FlexRay Interface timing characteristics for the input and output
signals.
These are recommended numbers as per the FlexRay EPL v3.0 specification, and subject
to change per the final timing analysis of the device.
Table 53. RMII transmit signal timing
Symbol
C
Characteristic
Value
Unit
Min
Max
R5
CC D REF_CLK to TXD[1:0], TX_EN invalid
2
—
ns
R6
CC D REF_CLK to TXD[1:0], TX_EN valid
—
15
ns
R7
CC D REF_CLK pulse width high
35%
65%
REF_CLK period
R8
CC D REF_CLK pulse width low
35%
65%
REF_CLK period
R6
REF_CLK (input)
TXD[1:0] (outputs)
TX_EN
R5
R7
R8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com